Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE5012B Datasheet(PDF) 35 Page - Infineon Technologies AG

Part # TLE5012B
Description  Giant Magneto Resistance (GMR)-based principle
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE5012B Datasheet(HTML) 35 Page - Infineon Technologies AG

Back Button TLE5012B Datasheet HTML 31Page - Infineon Technologies AG TLE5012B Datasheet HTML 32Page - Infineon Technologies AG TLE5012B Datasheet HTML 33Page - Infineon Technologies AG TLE5012B Datasheet HTML 34Page - Infineon Technologies AG TLE5012B Datasheet HTML 35Page - Infineon Technologies AG TLE5012B Datasheet HTML 36Page - Infineon Technologies AG TLE5012B Datasheet HTML 37Page - Infineon Technologies AG TLE5012B Datasheet HTML 38Page - Infineon Technologies AG TLE5012B Datasheet HTML 39Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 50 page
background image
TLE5012B
Specification
Data Sheet
35
Rev. 2.0, 2014-02
Figure 4-13 Typical example of a PWM signal
The PWM frequency is derived from the digital clock via
(4.3)
The min/max values given in Table 4-18 take into account the internal digital clock variation specified in
Chapter 4.3.7. If external clock is used, the variation of the PWM frequency can be derived from the variation of
the external clock using Equation (4.3).
Table 4-18 PWM interface
Parameter
Symbol
Values
Unit
Note / Test Condition
Min.
Typ.
Max.
PWM output frequencies
(Selectable by IFAB_RES)
fPWM1
232
244
262 Hz
1)
1) Not subject to production test - verified by design/characterization
fPWM2
464
488
525 Hz
1)
fPWM3
929
977
1050 Hz
1)
fPWM4
1855
1953
2099 Hz
1)
Output duty cycle range
DYPWM
6.25
93.75 %
Absolute angle1)
2
%
Electrical Error (S_RST;
S_VR)1)
98
%
System error (S_FUSE;
S_OV; S_XYOL;
S_MAGOL; S_ADCT)1)
0
1 %
Short to GND1)
99
100 %
Short to VDD, power loss
1)
tON
‚0'
t
ON = High level
OFF = Low level
Duty cycle = 6.25%
Duty cycle = 50%
Duty cycle = 93.75%
tPWM
tOFF
Vdd
UIFA
Vdd
UIFA
t
‚0'
t
Vdd
UIFA
‚0'
4096
*
24
2
*
IFAB_RES
DIG
PWM
f
f
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com