Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE5012B Datasheet(PDF) 19 Page - Infineon Technologies AG

Part # TLE5012B
Description  Giant Magneto Resistance (GMR)-based principle
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE5012B Datasheet(HTML) 19 Page - Infineon Technologies AG

Back Button TLE5012B Datasheet HTML 15Page - Infineon Technologies AG TLE5012B Datasheet HTML 16Page - Infineon Technologies AG TLE5012B Datasheet HTML 17Page - Infineon Technologies AG TLE5012B Datasheet HTML 18Page - Infineon Technologies AG TLE5012B Datasheet HTML 19Page - Infineon Technologies AG TLE5012B Datasheet HTML 20Page - Infineon Technologies AG TLE5012B Datasheet HTML 21Page - Infineon Technologies AG TLE5012B Datasheet HTML 22Page - Infineon Technologies AG TLE5012B Datasheet HTML 23Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 50 page
background image
TLE5012B
Specification
Data Sheet
19
Rev. 2.0, 2014-02
4
Specification
4.1
Absolute Maximum Ratings
Attention: Stresses above the max. values listed here may cause permanent damage to the device.
Exposure to absolute maximum rating conditions for extended periods may affect device
reliability. Maximum ratings are absolute ratings; exceeding only one of these values may
cause irreversible damage to the device.
4.2
Operating Range
The following operating conditions must not be exceeded in order to ensure correct operation of the TLE5012B.
All parameters specified in the following sections refer to these operating conditions, unless otherwise noted.
Table 4-2 is valid for -40°C < TJ < 150°C unless otherwise noted.
Table 4-1
Absolute maximum ratings
Parameter
Symbol
Values
Unit Note / Test Condition
Min.
Typ.
Max.
Voltage on VDD pin with respect to
ground (VSS)
VDD
-0.5
6.5 V
Max 40 h/Lifetime
Voltage on any pin with respect to
ground (VSS)
VIN
-0.5
6.5 V
VDD +
0.5
V
Junction temperature
TJ
-40
150 °C
150 °C
For 1000 h, not additive
Magnetic field induction
B
200 mT
Max. 5 min @ TA = 25°C
150 mT
Max. 5 h @ TA = 25°C
Storage temperature
TST
-40
150 °C
Without magnetic field
Table 4-2
Operating range and parameters
Parameter
Symbol
Values
Unit Note / Test Condition
Min.
Typ.
Max.
Supply voltage
VDD
3.0
5.0
5.5 V
1)
Supply current
IDD
14
16 mA
Magnetic induction at TJ =
25°C2)3)
BXY
30
50 mT
-40°C < TJ < 150°C
30
60 mT
-40°C < TJ < 100°C
30
70 mT
-40°C < TJ < 85°C
Extended magnetic induction
range at TJ = 25°C
2)3)
BXY
25
30 mT
Additional angle error of 0.1°
Angle range
Ang
0
360 °
POR level
VPOR
2.0
2.9 V
Power-on reset
POR hysteresis
VPORhy
30
mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com