Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE5012B Datasheet(PDF) 16 Page - Infineon Technologies AG

Part # TLE5012B
Description  Giant Magneto Resistance (GMR)-based principle
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE5012B Datasheet(HTML) 16 Page - Infineon Technologies AG

Back Button TLE5012B Datasheet HTML 12Page - Infineon Technologies AG TLE5012B Datasheet HTML 13Page - Infineon Technologies AG TLE5012B Datasheet HTML 14Page - Infineon Technologies AG TLE5012B Datasheet HTML 15Page - Infineon Technologies AG TLE5012B Datasheet HTML 16Page - Infineon Technologies AG TLE5012B Datasheet HTML 17Page - Infineon Technologies AG TLE5012B Datasheet HTML 18Page - Infineon Technologies AG TLE5012B Datasheet HTML 19Page - Infineon Technologies AG TLE5012B Datasheet HTML 20Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 50 page
background image
TLE5012B
Application Circuits
Data Sheet
16
Rev. 2.0, 2014-02
In case that the IFA, IFB and IFC pins are configurated via the SSC interface as open drain pins, three resistors
(one for each line) between the output line and VDD would be recommended (e.g. 2.2kΩ).
The TLE5012B can be configured with PWM only (Figure 3-3). The derivate TLE5012B - E5000 is by default
configurated with push-pull IFA (PWM) pin. Therefore the following configuration is recommended:
Figure 3-3 Application circuit for TLE5012B with only PWM interface (using internal CLK)
The TLE5012B - E5020 is also a PWM derivate but with open drain IFA (PWM) pin. A pull-up resistor (e.g. 2.2k
Ω)
should then be added between the IFA line and VDD, as shown in Figure 3-4.
Figure 3-4 Application circuit for TLE5012B with only PWM interface (using internal CLK)
For safety reasons it is better that the non-used pins are connected to ground, rather than floating. A resistor
between he DATA line pin and ground is recommended to avoid shortcuts if DATA generates any unexpected
output. The CSQ line has to be connected to VDD to avoid unintentional activation of the SSC interface.
VRG
VRA
VRD
TLE5012B
X
GMR
Y
GMR
Temp
SD-
ADC
SD-
ADC
SD-
ADC
SSC Interface
Incremental IF
PWM
HSM
Osc
*) recommended , e.g. 10.0kΩ
100 nF
IFC
VDD (3.0 – 5.5V)
*)
GND
PLL
CSQ
SCK
DATA
IFA (PWM)
IFB
Digital
Signal
Processing
Unit
CORDIC
CCU
RAM
ISM
Fuses
VRG
VRA
VRD
TLE5012B
X
GMR
Y
GMR
Temp
SD-
ADC
SD-
ADC
SD-
ADC
SSC Interface
Incremental IF
PWM
HSM
Osc
*) recommended , e.g. 2.2kΩ
100nF
IFC
VDD (3.0 – 5.5V)
**)
GND
PLL
CSQ
SCK
DATA
IFA (PWM)
IFB
**) recommended , e.g. 10.0kΩ
*)
Digital
Signal
Processing
Unit
CORDIC
CCU
RAM
ISM
Fuses



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com