Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE5012B Datasheet(PDF) 46 Page - Infineon Technologies AG

Part # TLE5012B
Description  Giant Magneto Resistance (GMR)-based principle
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE5012B Datasheet(HTML) 46 Page - Infineon Technologies AG

Back Button TLE5012B Datasheet HTML 42Page - Infineon Technologies AG TLE5012B Datasheet HTML 43Page - Infineon Technologies AG TLE5012B Datasheet HTML 44Page - Infineon Technologies AG TLE5012B Datasheet HTML 45Page - Infineon Technologies AG TLE5012B Datasheet HTML 46Page - Infineon Technologies AG TLE5012B Datasheet HTML 47Page - Infineon Technologies AG TLE5012B Datasheet HTML 48Page - Infineon Technologies AG TLE5012B Datasheet HTML 49Page - Infineon Technologies AG TLE5012B Datasheet HTML 50Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 46 / 50 page
background image
TLE5012B
Pre-Configured Derivates
Data Sheet
46
Rev. 2.0, 2014-02
5
Pre-Configured Derivates
Derivates of the 5012B are available with different pre-configured register settings for specific applications. The
configuration of all derivates can be changed via SSC interface.
5.1
IIF-type: E1000
The TLE5012B-E1000 is preconfigured for Incremental Interface and fast angle update period (42.7
μs). It is most
suitable for BLDC motor commutation.
•
Autocalibration mode 1 enabled.
•
Prediction enabled.
•
Hysteresis is set to 0.703°.
•
12bit mode, one count per 0.088° angle step.
•
Incremental Interface A/B mode.
5.2
HSM-type: E3005
The TLE5012B-E3005 is preconfigured for Hall-Switch-Mode and fast angle update period (42.7
μs). It is most
suitable as a replacement for three Hall switches for BLDC motor commutation.
•
Number of pole pairs is set to 5.
•
Autocalibration mode 1 enabled.
•
Prediction enabled.
•
Hysteresis is set to 0.703°.
5.3
PWM-type: E5000
The TLE5012B-E5000 is preconfigured for Pulse-Width-Modulation interface. It is most suitable for steering angle
and actuator position sensing.
•
Filter update period is 85.4
μs.
•
PWM frequency is 244 Hz.
•
Autocalibration, Prediction, and Hysteresis are disabled.
5.4
PWM-type: E5020
The TLE5012B-E5020 is preconfigured for Pulse-Width-Modulation interface with high frequency. It is most
suitable for steering angle and actuator position sensing.
•
Filter update period is 42.7
μs.
•
PWM frequency is 1953 Hz.
•
Autocalibration mode 2 enabled.
•
Prediction and Hysteresis are disabled.
•
PWM interface is set to open-drain output.
5.5
SPC-type: E9000
The TLE5012B-E9000 is preconfigured for Short-PWM-Code interface. It is most suitable for steering angle and
actuator position sensing.
•
Filter update period is 85.4
μs.
•
Autocalibration, Prediction, and Hysteresis are disabled.
•
SPC unit time is 3
μs.
•
SPC interface is set to open-drain output.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com