Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CMV2000 Datasheet(PDF) 9 Page - ams AG

Part # CMV2000
Description  2.2 Megapixel machine vision CMOS image sensor
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

CMV2000 Datasheet(HTML) 9 Page - ams AG

Back Button CMV2000 Datasheet HTML 5Page - ams AG CMV2000 Datasheet HTML 6Page - ams AG CMV2000 Datasheet HTML 7Page - ams AG CMV2000 Datasheet HTML 8Page - ams AG CMV2000 Datasheet HTML 9Page - ams AG CMV2000 Datasheet HTML 10Page - ams AG CMV2000 Datasheet HTML 11Page - ams AG CMV2000 Datasheet HTML 12Page - ams AG CMV2000 Datasheet HTML 13Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 64 page
background image
Reference: CMV2000-datasheet-v3.8
CMV2000 v3 Datasheet
Page 8 of 63
© 2015 CMOSIS bvba
1 INTRODUCTION
1.1 OVERVIEW
The CMV2000 is a high speed CMOS image sensor with 2048 by 1088 pixels (2/3 optical inch) developed for machine
vision applications. The image array consists of 5.5μm x 5.5μm pipelined global shutter pixels which allow exposure
during read-out, while performing CDS operation. The image sensor has sixteen 10- or 12-bit digital LVDS outputs
(serial). The image sensor also integrates a programmable gain amplifier and offset regulation. Each channel runs at 480
Mbps maximum which results in 340 fps frame rate at full resolution. Higher frame rates can be achieved in row-
windowing mode or row-subsampling mode. These modes are all programmable using the SPI interface. All internal
exposure and read-out timings are generated by a programmable on-board sequencer. External triggering and exposure
programming is also possible. Extended optical dynamic range can be achieved by multiple integrated high dynamic
range modes.
1.2 FEATURES
Capability to define up to 8 different windows
Horizontal and vertical mirroring function
Multiplexable output channels: 16, 8, 4 or 2 channel output possible
LVDS control channel with read-out and frame information
DDR LVDS output clock to sample data on the receiving end
Selectable ADC Resolution: choose between maximum frame rate (10bit) or better image quality (12bit)
Multiple High Dynamic Range options
Configurable subsampling modes
On-chip temperature sensor
On-chip timing generation
Sensor controllable via SPI-interface
Available as panchromatic or with RGB Bayer-filter
Programmable on-chip PLL that can generate all high speed clocks internally.
1.3 SPECIFICATIONS
Full well charge: 13.5Ke-
Sensitivity: 5.56 V/lux.s (with microlenses @ 550nm)
Dark noise: 13e- RMS
Conversion gain: 0.075LSB/e- (10 bit mode) at unity gain
Dynamic range: 60 dB
Parasitic light sensitivity: 1/50000
Dark current: 125 e-/s (@ 25°C die temperature)
Fixed pattern noise: <1 LSB (10 bit mode, <0.1% of full swing, standard deviation on full image)
Power consumption: 550mW to 1200mW
3.3V signaling
2048 by 1088 active pixels on a 5.5µm pitch
Maximum frame rate of 340FPS
Range of input clocks: 5 to 48MHz (Master clock to PLL) and 50 to 480MHz (LVDS clock)
Range of custom ceramic packages available: 95 pins µPGA or LGA, or 92 pins LCC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com