Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CMV2000 Datasheet(PDF) 16 Page - ams AG

Part # CMV2000
Description  2.2 Megapixel machine vision CMOS image sensor
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

CMV2000 Datasheet(HTML) 16 Page - ams AG

Back Button CMV2000 Datasheet HTML 12Page - ams AG CMV2000 Datasheet HTML 13Page - ams AG CMV2000 Datasheet HTML 14Page - ams AG CMV2000 Datasheet HTML 15Page - ams AG CMV2000 Datasheet HTML 16Page - ams AG CMV2000 Datasheet HTML 17Page - ams AG CMV2000 Datasheet HTML 18Page - ams AG CMV2000 Datasheet HTML 19Page - ams AG CMV2000 Datasheet HTML 20Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 64 page
background image
Reference: CMV2000-datasheet-v3.8
CMV2000 v3 Datasheet
Page 15 of 63
© 2015 CMOSIS bvba
3.5 INPUT CLOCK
The input clock (CLK_IN) defines the output data rate of the CMV2000. The master clock (CLK_IN) is 10 or 12 times
slower than the output data rate, depending on the programmed bit mode setting. The maximum data rate of the
output is 480Mbps which results in CLK_IN of 48MHz in 10-bit mode and 40MHz in 12-bit mode. The minimum frequency
for CLK_IN is 5MHz. Any frequency between the minimum and maximum can be applied by the user and will result in a
corresponding output data rate. The SPI registers with address 114 and 116 must be programmed to the correct
frequency range when the CLK_IN frequency is changed.
CLK_IN
LVDS_CLK 10bit
LVDS_CLK 12bit
5 MHz
50 MHz
60 MHz
40 MHz
400 MHz
480 MHz
48 MHz
480 MHz
n/a
There is no maximum skew for the LVDS input clock (if used) for every frequency used.
3.6 FRAME RATE CALCULATION
The frame rate is defined by 2 main factors.
1.
Exposure time
2.
Read-out time
To simplify the calculation, we will assume that the exposure time is shorter than the read-out time and that the sensor
is operating at default settings, taking a full resolution 10-bit image at 48MHz through 16 outputs. This means that the
frame rate will be defined only by the read-out time because the exposure time happens in parallel with the read-out
time. The read-out time is defined by:
1.
Output clock speed: max 240MHz
2.
ADC mode: 10 or 12 bit
3.
Number of lines read-out
4.
Number of LVDS outputs used: max 16 outputs
If any of these parameters is changed, it will have an impact on the frame rate. In default operation this will result in
340FPS. The total read-out time is composed of two parts: FOT (frame overhead time) and the image read-out time.
The FOT is defined as:
������������ = (������������_��������������������ℎ + (2 ��
16
#���������������������������� ����������������
)) ∗ 129 ∗ ������������������������ �������������������� ������������������������
With fot_length (register 73) at its default value of 10, this results in 32.25µs frame overhead time.
The image read-out time is defined as:
�������������������� ���������������������������� ���������������� = (129 ∗ ������������������������ �������������������� ������������������������ ∗
16
#���������������������������� ����������������
) ∗ ����������������������������
Reading out a full resolution image, this results in 2.924ms image read-out time.
The total read-out time is now the sum of the FOT and the image read-out time, which results in 32.25µs + 2.924ms or
2.9525ms to read-out a single full resolution image. The frame rate is thus 338FPS.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com