Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CMV2000 Datasheet(PDF) 36 Page - ams AG

Part # CMV2000
Description  2.2 Megapixel machine vision CMOS image sensor
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

CMV2000 Datasheet(HTML) 36 Page - ams AG

Back Button CMV2000 Datasheet HTML 32Page - ams AG CMV2000 Datasheet HTML 33Page - ams AG CMV2000 Datasheet HTML 34Page - ams AG CMV2000 Datasheet HTML 35Page - ams AG CMV2000 Datasheet HTML 36Page - ams AG CMV2000 Datasheet HTML 37Page - ams AG CMV2000 Datasheet HTML 38Page - ams AG CMV2000 Datasheet HTML 39Page - ams AG CMV2000 Datasheet HTML 40Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 64 page
background image
Reference: CMV2000-datasheet-v3.8
CMV2000 v3 Datasheet
Page 35 of 63
© 2015 CMOSIS bvba
5.4 IMAGE FLIPPING
The image coming out of the image sensor can be flipped in X (per channel) and/or Y direction. When flipping in Y is
enabled, the bottom left pixel (0,1087) is read out first instead of the top left pixel (0,0). When flipping in X is enabled,
only the pixels within a channel are mirrored, not the channels themselves. In this case, the first row in channel 1 to be
read out is pixel (1023,0) to pixel (0,0). In channel 2, this is pixel (2047,0) to pixel (1024,0).
2048x1088
2048x1088
Pixel (0,0)
Pixel (2047,1087)
2048x1088
Pixel (0,0)
Pixel (2047,1087)
Image flipping in Y
CH1
(1024x1088)
Pixel (0,0)
Pixel (1023,1087)
CH2
(1024x1088)
Pixel (1024,0)
Pixel (2047,1087)
CH1
(1024x1088)
Pixel (0,0)
Pixel (1023,1087)
CH2
(1024x1088)
Pixel (1024,0)
Pixel (2047,1087)
Image flipping in X
Using 2 output
channels
Pixel (0,1087)
Pixel (2047,0)
2048x1088
Pixel (0,0)
Pixel (2047,1087)
Image flipping in Y
CH1
(1024x1088)
Pixel (0,0)
Pixel
(1023,1087)
CH2
(1024x1088)
Pixel (1024,0)
Pixel
(2047,1087)
CH1
(1024x1088)
Pixel (1023,0)
Pixel
(0,1087)
CH2
(1024x1088)
Pixel (2047,0)
Pixel
(1024,1087)
Image flipping in X
Using 2 output
channels
Pixel (0,1087)
Pixel (2047,0)
Pixel (0,0)
Pixel (2047,0)
Pixel
(0,1087)
Pixel (1023,0)
Pixel
(1024,1087)
Pixel (2047,1087)
Pixel (1024,0)
Pixel
(2047,1087)
Pixel (0,0)
Pixel
(1023,1087)
FIGURE 40: IMAGE FLIPPING
Image flipping
Register name
Register address
Default value
Description of the value
Image_flipping
40[1:0]
0
0: No image flipping
1: Image flipping in X
2: Image flipping in Y
3: Image flipping in X and Y
5.5 IMAGE SUBSAMPLING
To maintain the same field of view but reduce the amount of data coming out of the sensor, a subsampling mode is
implemented on the chip. Different subsampling schemes can be programmed by setting the appropriate registers.
These subsampling schemes can take into account whether a color or monochrome sensor is used to preserve the Bayer
pattern information. The registers involved in subsampling are detailed below. A distinction is made between a simple
and advanced mode (can be used for color devices). Subsampling can be enabled in every windowing mode.
5.5.1 SIMPLE SUBSAMPLING
Image subsampling - simple
Register name
Register address
Default value
Description of the value
Number_lines
1[7:0]
2[7:0]
1088
Defines the total number of lines read-out by the sensor
(min=1, max=1088)
Sub_s
35[7:0]
36[7:0]
0
Number of rows to skip (min=0, max=1086)
Sub_a
37[7:0]
38[7:0]
0
Identical to Sub_s



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com