Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CMV2000 Datasheet(PDF) 24 Page - ams AG

Part # CMV2000
Description  2.2 Megapixel machine vision CMOS image sensor
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

CMV2000 Datasheet(HTML) 24 Page - ams AG

Back Button CMV2000 Datasheet HTML 20Page - ams AG CMV2000 Datasheet HTML 21Page - ams AG CMV2000 Datasheet HTML 22Page - ams AG CMV2000 Datasheet HTML 23Page - ams AG CMV2000 Datasheet HTML 24Page - ams AG CMV2000 Datasheet HTML 25Page - ams AG CMV2000 Datasheet HTML 26Page - ams AG CMV2000 Datasheet HTML 27Page - ams AG CMV2000 Datasheet HTML 28Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 64 page
background image
Reference: CMV2000-datasheet-v3.8
CMV2000 v3 Datasheet
Page 23 of 63
© 2015 CMOSIS bvba
4.3.2 12 BIT MODE
In 12 bit mode, the analog-to-digital conversion takes 4x longer to complete. This causes the frame rate to drop to 70FPS
when 40MHz is used for CLK_IN. Due to this extra conversion time, the sensor automatically multiplexes to 4 outputs
when 12 bit is used. To simplify the figures below, the timing for only one LVDS channel is shown in every case.
4.3.2.1 4 OUTPUT CHANNELS
By default, the CMV2000 uses only 4 LVDS output channels in 12 bit mode. This means that the read-out of one row
takes (4 x 128) + (4 x 1) master clock periods.
IDLE
OH
128
OH
DATA_OUT
128
OH
128
OH
128
Row 1
Row 2
OH
128
OH
128
OH
128
OH
128
FIGURE 24: OUTPUT TIMING IN OF 4 CHANNEL MODE
4.3.2.2 2 OUTPUT CHANNELS
When only 2 LVDS output channels are used, the read-out of one row takes (8*128) + (8*1) master clock periods. The
maximum frame rate is reduced with a factor of 2 compared to 4-channel mode.
IDLE
OH
128
128
128
128
128
Row 1
128
128
128
128
128
128
128
128
Row 2
128
128
128
OH
OH
OH
OH
OH
OH
OH
OH
OH
OH
OH
OH
OH
OH
OH
FIGURE 25: OUTPUT TIMING IN 2 CHANNEL MODE
4.4 PIXEL REMAPPING
Depending on the number of output channels, the pixels are read out by different channels and come out at a different
moment in time. With the details from the next chapters, the end user is able to remap the pixel values at the output
to their correct image array location.
4.4.1 16 OUTPUTS
Figure 26 shows the location of the image pixels versus the output channel of the image sensor.
IDLE
Pixel 0 to 127
Channel 1
IDLE
Pixel 128 to 255
Channel 2
IDLE
Pixel 256 to 383
Channel 3
IDLE
Pixel 1792 to 1919
Channel 15
IDLE
Pixel 1920 to 2047
Channel 16
Row 1
Pixel 0 to 127
Row 2
Pixel 128 to 255
Pixel 256 to 383
Pixel 1792 to 1919
Pixel 1920 to 2047
FIGURE 26: PIXEL REMAPPING FOR 16 OUTPUT CHANNELS
16 bursts of 128 pixels happen in parallel on the data outputs. This means that one complete row is read out in one
burst. The amount of rows that will be read out depends on the value in the corresponding register. By default there
are 1088 rows being read out.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com