Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CMV2000 Datasheet(PDF) 32 Page - ams AG

Part # CMV2000
Description  2.2 Megapixel machine vision CMOS image sensor
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

CMV2000 Datasheet(HTML) 32 Page - ams AG

Back Button CMV2000 Datasheet HTML 28Page - ams AG CMV2000 Datasheet HTML 29Page - ams AG CMV2000 Datasheet HTML 30Page - ams AG CMV2000 Datasheet HTML 31Page - ams AG CMV2000 Datasheet HTML 32Page - ams AG CMV2000 Datasheet HTML 33Page - ams AG CMV2000 Datasheet HTML 34Page - ams AG CMV2000 Datasheet HTML 35Page - ams AG CMV2000 Datasheet HTML 36Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 64 page
background image
Reference: CMV2000-datasheet-v3.8
CMV2000 v3 Datasheet
Page 31 of 63
© 2015 CMOSIS bvba
Saturation
level
Kneepoint 2
Kneepoint 1
# of electrons
FIGURE 36: PIECEWISE LINEAR RESPONSE
5.2.2.1 PIECEWISE LINEAR RESPONSE WITH INTERNAL EXPOSURE MODE
The following registers need to be programmed when a piecewise linear response in internal exposure mode is desired.
HDR settings – multiple slope
Register name
Register address
Default value
Description of the value
Exp_time
42[7:0]
43[7:0]
44[7:0]
1088
Defines the total exposure time according following
formula:
129 ∗ ������������_������������(0.43 ∗ ������������_��������������������ℎ + ������������_����������������)
Where clk_per is the period of the master input clock.
Nr_slopes
54[1:0]
1
Defines the number of slopes (min=1, max=3).
Exp_kp1
48[7:0]
49[7:0]
50[7:0]
1
Defines the exposure time of kneepoint 1. Formula:
129 ∗ ������������_������������(0.43 ∗ ������������_��������������������ℎ + ������������_��������1)
Where clk_per is the period of the master input clock.
Exp_kp2
51[7:0]
52[7:0]
53[7:0]
1
Defines the exposure time of kneepoint 2. Formula:
129 ∗ ������������_������������(0.43 ∗ ������������_��������������������ℎ + ������������_��������2)
Where clk_per is the period of the master input clock.
Vlow3
90[6:0]
96
Defines the Vlow3 voltage (DAC setting).
Bit [6] = enable
Bit[5:0] = Vlow3 value
Vlow2
89[6:0]
96
Defines the Vlow2 voltage (DAC setting).
Bit [6] = enable
Bit[5:0] = Vlow2 value



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com