Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CMV2000 Datasheet(PDF) 46 Page - ams AG

Part # CMV2000
Description  2.2 Megapixel machine vision CMOS image sensor
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

CMV2000 Datasheet(HTML) 46 Page - ams AG

Back Button CMV2000 Datasheet HTML 42Page - ams AG CMV2000 Datasheet HTML 43Page - ams AG CMV2000 Datasheet HTML 44Page - ams AG CMV2000 Datasheet HTML 45Page - ams AG CMV2000 Datasheet HTML 46Page - ams AG CMV2000 Datasheet HTML 47Page - ams AG CMV2000 Datasheet HTML 48Page - ams AG CMV2000 Datasheet HTML 49Page - ams AG CMV2000 Datasheet HTML 50Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 64 page
background image
Reference: CMV2000-datasheet-v3.8
CMV2000 v3 Datasheet
Page 45 of 63
© 2015 CMOSIS bvba
Register overview
Address
Default
Value
Remark
bit[7]
bit[6]
bit[5]
bit[4]
bit[3]
bit[2]
bit[1]
bit[0]
91
96
Vres_low[6:0]
Set to 64
92
96
Do not change
93
96
Do not change
94
96
V_prech[6:0]
Set to 101
95
96
V_ref[6:0]
Set to 106
96
96
Do not change
97
96
Do not change
98
96
Vramp1[6:0]
See 5.15.1
99
96
Vramp2[6:0]
See 5.15.1
100
195
Offset[7:0]
See 5.15.1
101
63
Offset[13:8]
See 5.15.1
102
0
PGA_gain[1:0]
Set to 1
103
32
ADC_gain[7:0]
See 5.15.1
104
8
Do not change
105
8
Do not change
106
8
Do not change
107
8
Do not change
108
0
T_dig1[3:0]
109
1
T_dig2[3:0]
110
0
Do not change
111
1
Bit_
mode
112
0
ADC_resolution
[1:0]
113
1
pll_
enable
114
0
PLL_IN_FRE[1:0]
115
0
pll_
bypass
116
217
PLL_
range
PLL_OUT_FRE[2:0]
PLL_div[3:0]
117
8
PLL_load[7:0]
118
0
Dummy[7:0]
Set to 1
119
0
Do not change
120
0
Do not change
121
0
Black_
col_en
PGA_
gain[2]
122
0
Do not change
123
64
V_blacksun[5:0]
Set to 98
124
0
Do not change
125
35
Do not change
126
0
Temp[7:0]
127
0
Temp[15:8]
Register 125 can be used to verify which sensor is used:
Reg 125 value
Sensor type
32
CMV2000 v2
35
CMV2000 v3
64
CMV4000 v2
67
CMV4000 v3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com