Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CMV2000 Datasheet(PDF) 31 Page - ams AG

Part # CMV2000
Description  2.2 Megapixel machine vision CMOS image sensor
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

CMV2000 Datasheet(HTML) 31 Page - ams AG

Back Button CMV2000 Datasheet HTML 27Page - ams AG CMV2000 Datasheet HTML 28Page - ams AG CMV2000 Datasheet HTML 29Page - ams AG CMV2000 Datasheet HTML 30Page - ams AG CMV2000 Datasheet HTML 31Page - ams AG CMV2000 Datasheet HTML 32Page - ams AG CMV2000 Datasheet HTML 33Page - ams AG CMV2000 Datasheet HTML 34Page - ams AG CMV2000 Datasheet HTML 35Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 64 page
background image
Reference: CMV2000-datasheet-v3.8
CMV2000 v3 Datasheet
Page 30 of 63
© 2015 CMOSIS bvba
FRAME_REQ
T_EXP1
T_EXP2
Exposure time even rows
Exposure time odd rows
FIGURE 34: INTERLEAVED READ-OUT IN EXTERNAL EXPOSURE MODE
When a color sensor is used, the sequencer should be programmed to make sure it takes the Bayer pattern into account
when doing interleaved read-out. This can be done by setting the appropriate register to ‘0’.
Color/mono
Register name
Register address
Default value
Description of the value
mono
39[0]
1
0: color sensor is used
1: monochrome sensor is used
5.2.2 PIECEWISE LINEAR RESPONSE
The CMV2000 has the possibility to achieve a high optical dynamic range by using a piecewise linear response. This will
clip illuminated pixels which reach a programmable voltage, while leaving the darker pixels untouched. The clipping
level can be adjusted 2 times within one exposure time to achieve a maximum of 3 slopes in the response curve, as
described in Figure 35.
Vhigh
Vlow3
Vlow2
Vlow1
Total exposure time
Exposure kneepoint 2
Pixel reset
Pixel sample
Exposure kneepoint 1
FIGURE 35: PIECEWISE LINEAR RESPONSE DETAILS
The red lines represent a pixel on which a large amount of light is falling. The blue line represents a pixel on which less
light is falling. The bright pixel is held to a programmable voltage for a programmable time during the exposure time,
two times in a row. This makes sure that at the end of the exposure the pixel is not saturated. The darker pixel is not
influenced and will have a normal response. The Vlow voltages and different exposure times are programmable in the
register. Using this feature, a response as detailed in Figure 36 can be achieved. The placement of the kneepoints in X
is controlled by the Vlow voltage, while the slope of the segments is controlled by the programmed exposure times.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com