Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CMV2000 Datasheet(PDF) 43 Page - ams AG

Part # CMV2000
Description  2.2 Megapixel machine vision CMOS image sensor
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

CMV2000 Datasheet(HTML) 43 Page - ams AG

Back Button CMV2000 Datasheet HTML 39Page - ams AG CMV2000 Datasheet HTML 40Page - ams AG CMV2000 Datasheet HTML 41Page - ams AG CMV2000 Datasheet HTML 42Page - ams AG CMV2000 Datasheet HTML 43Page - ams AG CMV2000 Datasheet HTML 44Page - ams AG CMV2000 Datasheet HTML 45Page - ams AG CMV2000 Datasheet HTML 46Page - ams AG CMV2000 Datasheet HTML 47Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 64 page
background image
Reference: CMV2000-datasheet-v3.8
CMV2000 v3 Datasheet
Page 42 of 63
© 2015 CMOSIS bvba
5.15 RECOMMENDED REGISTER SETTINGS
The following table gives an overview of the registers which have a required value which is different from their default
start-up value. We strongly recommend to load these register settings after start-up and before grabbing an image.
Address
Name
Required Value
41[2:0]
Inte_sync
Exp_dual
Exp_ext
4
77[1:0]
Col_calib
ADC_calib
0
84[3:0]
I_col
4
85[3:0]
I_col_prech
1
87[3:0]
I_amp
12
88[6:0]
Vtf_l1
64
91[6:0]
Vres_low
64
94[6:0]
V_prech
101
95[6:0]
V_ref
106
102[1:0]
PGA
1
118[7:0]
Dummy
1
123[5:0]
V_blacksun
98
5.15.1 ADJUSTING REGISTERS FOR OPTIMAL PERFORMANCE
Due to processing differences, the response and optical performance may differ slightly from sensor to sensor. To adjust
this difference in response, the following registers should be tuned from sensor to sensor.
Address
Name
Default Value
Valid Range
103[7:0]
ADC_GAIN
32
0 - 63
98[6:0]
V_ramp1
96
102-115
99[6:0]
V_ramp2
96
102-115
100[7:0]
101[5:0]
Offset
16323
0 - 16383
To optimize the sensor response and minimize noise, the following procedure should be followed for each sensor:
1.
Start by programming all registers with the recommended values from the datasheet.
2.
Take fully dark images with short exposure and calibrate the offset register so no pixel clips in black (< 0DN).
3.
When column non-uniformities are observed in the dark image, a calibration of the V_ramp1 and V_ramp2
registers is necessary. These registers set the starting voltage of the ramp used by the column ramp ADC, so
adjusting this value will improve column CDS (correlated double sampling) which will reduce the column FPN.
Both values should be adjusted together and should always have the same value.
4.
Now take images with light and normal exposure. If the image isn’t saturated increase the light or the exposure
time until all pixels reach a constant value. If not all pixels saturate at 1023 (meaning that the non-linear part
of the pixel voltage is in the ADC input range), increase the ADC gain/range setting until they do. The PGA
amplifier can also be used at this stage.
5.
The dark offset level may have shifted when doing ADC calibration, so repeat step 2.
6.
To compensate gain differences between sensors, choose a fixed light setting or exposure time at which the
sensor shows a grey image about 50% of its swing (512 at 10bit). Now tweak the ADC setting per sensor so that
all sensors will have the same average grey value of about 512. This way all sensors will behave about the same
to the same amount of light.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com