Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CMV2000 Datasheet(PDF) 38 Page - ams AG

Part # CMV2000
Description  2.2 Megapixel machine vision CMOS image sensor
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

CMV2000 Datasheet(HTML) 38 Page - ams AG

Back Button CMV2000 Datasheet HTML 34Page - ams AG CMV2000 Datasheet HTML 35Page - ams AG CMV2000 Datasheet HTML 36Page - ams AG CMV2000 Datasheet HTML 37Page - ams AG CMV2000 Datasheet HTML 38Page - ams AG CMV2000 Datasheet HTML 39Page - ams AG CMV2000 Datasheet HTML 40Page - ams AG CMV2000 Datasheet HTML 41Page - ams AG CMV2000 Datasheet HTML 42Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 64 page
background image
Reference: CMV2000-datasheet-v3.8
CMV2000 v3 Datasheet
Page 37 of 63
© 2015 CMOSIS bvba
5.6 NUMBER OF FRAMES
When internal exposure mode is selected, the number of frames sent by the sensor after a frame request can be
programmed in the corresponding sequencer register.
Number of frames
Register name
Register address
Default value
Description of the value
Number_frames
70[7:0]
71[7:0]
1
Defines the number of frames grabbed and sent by the
image sensor in internal exposure mode (min =1, max =
65535)
5.7 OUTPUT MODE
The number of LVDS channels can be selected by programming the appropriate sequencer register. The pixel remapping
scheme and the read-out timing for each mode can be found in Chapter 4.3 of this document.
Output mode
Register name
Register address
Default value
Description of the value
Output_mode
72[1:0]
0
0: 16 outputs
1: 8 outputs
2: 4 outputs
3: 2 outputs
5.8 TRAINING PATTERN
As detailed in Chapter 4.6, a training pattern is sent over the LVDS data channels whenever no valid image data is sent.
This training pattern can be programmed using the sequencer register.
Training pattern
Register name
Register address
Default value
Description of the value
Training_pattern
78[7:0]
79[3:0]
85
The 12 LSBs of this 16 bit word are sent in 12-bit mode
. In 10 bit mode the 10 LSBs are sent.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com