Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STV8206 Datasheet(PDF) 59 Page - STMicroelectronics

Part # STV8206
Description  Multistandard TV Audio Processor and Digital Sound Demodulator
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV8206 Datasheet(HTML) 59 Page - STMicroelectronics

Back Button STV8206 Datasheet HTML 55Page - STMicroelectronics STV8206 Datasheet HTML 56Page - STMicroelectronics STV8206 Datasheet HTML 57Page - STMicroelectronics STV8206 Datasheet HTML 58Page - STMicroelectronics STV8206 Datasheet HTML 59Page - STMicroelectronics STV8206 Datasheet HTML 60Page - STMicroelectronics STV8206 Datasheet HTML 61Page - STMicroelectronics STV8206 Datasheet HTML 62Page - STMicroelectronics STV8206 Datasheet HTML 63Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 97 page
background image
59/97
STV82x6
Register List
PRE_NICAM
NICAM Prescaling Register
PRE_AUX
SCART Prescaling Register
FM_PRESCALE
[5:0]
000110 -6 to + 24 dB FM (or AM) prescaling to normalize the FM (or AM) demodulated signal level before
audio processing. Auto level control can be implemented by I²C software using the Peak Level
Detector. (Default value = +6 dB)
G (dB)
G (dB)
011000
+24
111110
-2
010111
+23
111101
-3
010110
+22
111100
-4
010101
+21
111011
-5
010100
+20
111010
-6
etc.
Address (hex): 45h
Type: R/W
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
0
0
NICAM_PRESCALE[5:0]
Bit Name
Reset
Function
Bits[7:6]
00
Reserved.
NICAM_
PRESCALE[5:0]
001101 -6 to + 24 dB NICAM prescaling to normalize the NICAM demodulated signal level before audio
processing. Auto level control can be implemented by I²C software using the Peak Level Detector.
(Default value = +13 dB)
G (dB)
G (dB)
011000
+24
111110
-2
010111
+23
111101
-3
010110
+22
111100
-4
010101
+21
111011
-5
010100
+20
111010
-6
etc.
Address (hex): 46h
Type: R/W
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
I2S_PRESCALE[3:0]
SCART_PRESCALE[3:0]
Bit Name
Reset
Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com