Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STV8206 Datasheet(PDF) 27 Page - STMicroelectronics

Part # STV8206
Description  Multistandard TV Audio Processor and Digital Sound Demodulator
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV8206 Datasheet(HTML) 27 Page - STMicroelectronics

Back Button STV8206 Datasheet HTML 23Page - STMicroelectronics STV8206 Datasheet HTML 24Page - STMicroelectronics STV8206 Datasheet HTML 25Page - STMicroelectronics STV8206 Datasheet HTML 26Page - STMicroelectronics STV8206 Datasheet HTML 27Page - STMicroelectronics STV8206 Datasheet HTML 28Page - STMicroelectronics STV8206 Datasheet HTML 29Page - STMicroelectronics STV8206 Datasheet HTML 30Page - STMicroelectronics STV8206 Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 97 page
background image
27/97
STV82x6
Additional Controls and Flags
5
Additional Controls and Flags
5.1
Interrupt Request
The identified TV sound standard is displayed in register AUTO_STAT. Each change in the detected
standard is flagged to the host system via hardware pin IRQ. The flag must be reset by re-
programming the IRQ bit in register AUTO_CTRL and then checking the detected standard status
by reading registers AUTO_STAT, NICAM_STAT, ZWT_STAT and CH_MX.
5.2
I²C Bus Expander
Pins BUS0 and BUS1 can be used to control external switchable IF SAW filters or audio switches.
These pins can be directly programmed by register CTRL.
5.3
Stereo Flag
For Loudspeakers only, a Stereo Mode Detection flag (the ST_ID bit in register AUTO_STAT) is set
when a demodulated source is selected and a stereo standard is detected. The stereo flag is also
output on pin ST in order to control an external indicator (e.g. LED). The stereo mode is also
displayed by status register AUTO_STAT.
CAUTION: When the I²S input is selected, the stereo flag is no longer available on pin ST.
5.4
Headphone Detection
For the headphone, the HPD input can be used to automatically mute the Loudspeaker and
Subwoofer outputs when the HPD_ON bit is set in register ANA_LS_HP (active low). The HPD pin
must be set for the mute function to be active.
Figure 16: Headphone Detection
Mute Control
Headphone
Left
Right
Sub-
I²C Control
STV82x6
Loudspeaker
Audio Processing
Headphone
Audio Processing
Subwoofer
Audio Processing
woofer
Detection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com