Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STV8206 Datasheet(PDF) 18 Page - STMicroelectronics

Part # STV8206
Description  Multistandard TV Audio Processor and Digital Sound Demodulator
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV8206 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button STV8206 Datasheet HTML 14Page - STMicroelectronics STV8206 Datasheet HTML 15Page - STMicroelectronics STV8206 Datasheet HTML 16Page - STMicroelectronics STV8206 Datasheet HTML 17Page - STMicroelectronics STV8206 Datasheet HTML 18Page - STMicroelectronics STV8206 Datasheet HTML 19Page - STMicroelectronics STV8206 Datasheet HTML 20Page - STMicroelectronics STV8206 Datasheet HTML 21Page - STMicroelectronics STV8206 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 97 page
background image
Audio Processor Block
STV82x6
18/97
Note:
The audio signals available on the I²S and SCART outputs are not affected by any digital or analog
matrix processing.
3.2
Smart Volume Control (SVC)
The Smart Volume Control (SVC) feature is designed to process sound level variations caused by
changes in signal sources (e.g. when switching channels) or in volume (e.g. when advertisements
are broadcast). The SVC is controlled by the SVC_ON bit in the SVC_CTRL register.
When the SVC_ON bit is set, the Smart Volume Control prevents annoying volume changes by
automatically adjusting the selected sound source (demodulator or SCART) to a programmable
reference level before audio processing. The regulation ranges from +6 dB to -30 dB with a fast
attenuation and a programmable slow amplification. The fast attenuation reduces audio peak (and
potential clipping) and slow amplification is a compromise between regulation recovery and limited
audio amplification during audio silence. The programmable output reference level must be defined
to prevent internal clipping depending on the selected audio processing boosting functions such as
Surround (up to +9 dB), Equalizer or Bass/Treble (up to +12 dB) and Loudness (up to +6 dB). When
the SVC is enabled, recommended reference values are -18 dB for the Loudspeaker path and -9 dB
for the Headphone path.
When the SVC is disabled, it acts as a wide-range prescaler (between -30 dB and +15.5 dB) before
audio-processing to prevent internal clipping depending on the selected functions (see above). If
Figure 9: Audio Processor Block Diagram
Spatial
Effects
Lowpass
Beeper
Woofer
Volume
SRS
1
0
(L+R)/2
(L+R)/2
Loudspeaker Processing
SW_ON
Headphone Processing
Low
Audio
Audio Mute
Smart
Volume
Control
BEEPER_CTRL (79h)
BEEPER_TONE (7Ah)
SVC_SEL (59h)
SVC_CTRL (5Ah)
LS_EQ_CTRL (60h)
LS_EQ_BAND1 (61h)
LS_EQ_BAND2 (62h)
LS_EQ_BAND3 (63h)
LS_EQ_BAND4 (64h)
LS_EQ_BAND5 (65h)
LS_BAL(69h)
SW_BAND (6Bh) SW_GAIN (6Ah)
ANA_LS_HP (07h)
HPD
LS_VOL_CTRL(67h)
LS_CVOL(68h)
LS_SRD_CTRL (5Bh)
LS_STS_GAIN (5Ch)
LS_STS_FREQ (5Dh)
LS_SRS_SPACE (5Eh)
LS_SRS_CENTER (5Fh)
ANA_LS_HP (07h)
HP_VOL_CTRL (75h)
HP_CVOL (76h)
HP_BAL (77h)
HP_BT_CTRL (71h)
HP_BASS_GAIN (72h)
HP_TREB_GAIN (73h)
SVC_SEL (59h)
SVC_CTRL (5Ah)
CUT_ID (00h)
ANA_LS_HP (07h)
Low Noise
Noise
Mute
LS_LOUD(66h)_
Smart
Volume
Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com