Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STV8206 Datasheet(PDF) 78 Page - STMicroelectronics

Part # STV8206
Description  Multistandard TV Audio Processor and Digital Sound Demodulator
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV8206 Datasheet(HTML) 78 Page - STMicroelectronics

Back Button STV8206 Datasheet HTML 74Page - STMicroelectronics STV8206 Datasheet HTML 75Page - STMicroelectronics STV8206 Datasheet HTML 76Page - STMicroelectronics STV8206 Datasheet HTML 77Page - STMicroelectronics STV8206 Datasheet HTML 78Page - STMicroelectronics STV8206 Datasheet HTML 79Page - STMicroelectronics STV8206 Datasheet HTML 80Page - STMicroelectronics STV8206 Datasheet HTML 81Page - STMicroelectronics STV8206 Datasheet HTML 82Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 97 page
background image
Register List
STV82x6
78/97
LS_BAL
Loudspeaker Balance Control Register
LS_VOL_R
Loudspeaker Right Volume Control Register
HP_BAL
Headphone Balance Control Register
HP_VOL_R
Headphone Right Volume Control Register
Address (hex): 69h
Type: R/W
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
BAL[7:0] / VOL_R[7:0]
Bit Name
Reset
Function
BAL[7:0]
00000000
Loudspeaker Differential Balance
In Differential mode, the balance may be programmed in steps of 0.75 dB. Programmable
values are listed in Table 28.
VOL_R[7:0]
00000000
Loudspeaker Right Volume Control
In Independent mode, the volume may be programmed within a range between 0 dB and
-96 dB in steps of 0.375 dB. Programmable values are listed in Table 29.
Address (hex): 77h
Type: R/W
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
BAL[7:0] / VOL_R[7:0]
Bit Name
Reset
Function
BAL[7:0]
00000000
Headphone Differential Balance
In Differential mode, the balance may be programmed in steps of 0.75 dB. Programmable
values are listed in Table 28.
VOL_R[7:0]
00000000
Headphone Right Volume Control
In Independent mode, the volume may be programmed within a range between 0 dB and
-96 dB in steps of 0.375 dB. Programmable values are listed in Table 29.
Table 28: Differential Balance Control Values
Register Value
Left/Common Level
Right/Common Level
0111 1111 (7Fh)
-95.25 dB
0.78%
0 dB
100%
0111 1110
-94.50 dB
0.56%
0 dB
100%
0111 1101
-93.75 dB
2.34%
0 dB
100%
................
.....
.....
0000 0000 (Default)
0 dB
100%
0 dB
100%
................
.....
.....



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com