Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STV8206 Datasheet(PDF) 60 Page - STMicroelectronics

Part # STV8206
Description  Multistandard TV Audio Processor and Digital Sound Demodulator
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV8206 Datasheet(HTML) 60 Page - STMicroelectronics

Back Button STV8206 Datasheet HTML 56Page - STMicroelectronics STV8206 Datasheet HTML 57Page - STMicroelectronics STV8206 Datasheet HTML 58Page - STMicroelectronics STV8206 Datasheet HTML 59Page - STMicroelectronics STV8206 Datasheet HTML 60Page - STMicroelectronics STV8206 Datasheet HTML 61Page - STMicroelectronics STV8206 Datasheet HTML 62Page - STMicroelectronics STV8206 Datasheet HTML 63Page - STMicroelectronics STV8206 Datasheet HTML 64Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 97 page
background image
Register List
STV82x6
60/97
CH_CTRL
Channel Control Register
Bit Name
Reset
Function
I2S_PRESCALE
[3:0]
0000
-6 to + 6dB I²S Input prescaling to normalize the incoming audio signal before audio processing.
Auto level control can be implemented by I²C software using the Peak Level Detector.
These bits are used to adjust the corresponding incoming signal level before audio processing.
G (dB)
G (dB)
0110
+6
1111
-1
0101
+5
1110
-2
0100
+4
1101
-3
0011
+3
1100
-4
0010
+2
1011
-5
0001
+1
1010
-6
0000 (Default)
0
SCART_PRESCAL
E[3:0]
0000
-6 to + 6dB SCART Input prescaling to normalize the incoming audio signal before audio
processing. Auto level control can be implemented by I²C software using the Peak Level Detector.
These bits are used to adjust the corresponding incoming signal level before audio processing.
G (dB)
G (dB)
0110
+6
1111
-1
0101
+5
1110
-2
0100
+4
1101
-3
0011
+3
1100
-4
0010
+2
1011
-5
0001
+1
1010
-6
0000 (Default)
0
Address (hex): 47h
Type: R/W
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
MUTE_D012
MUTE_D12
NIC_DMX
NICDPH_OFF
FM_DMX[1:0]
FMDPH_OFF
FMDPH_SW
Bit Name
Reset
Function
MUTE_D012
0
0: LS/HP/SC/I²S channel unmuted
1: If DEMOD source is selected as OUTPUT channel by CH_SEL and CH_LANG,
then MUTE_LS/MUTE_HP/MUTE_SC signal are set (LS/HP/SC/I²S channel mute)
MUTE_D12
0
0: LS/HP/SC/I²S channel unmuted
1: If DEMOD_1 or DEMOD_2 source is selected as OUTPUT channel by CH_SEL and
CH_LANG, then MUTE_LS/MUTE_HP/MUTE_SC signal are set (LS/HP/SC/I²S
channel mute)
NIC_DMX
0
When 1, Reverse Left/Right Channel to take into account the case where the mono signal would
be carried on the Right Channel.
NICDPH_OFF
0
0: NICAM De-emphasis (Default)
1: Bypass NICAM De-emphasis
FM_DMX[1:0]
00
FM Stereo Dematrix
DeMatrix
Standard
00 (Default)
L=CH1
, R=CH2
No matrixing
01
L=CH1+CH2, R=CH1-CH2
Kor. Zweiton (A2+) & Radio
10
L=2CH1-CH2, R=CH2
German Zweiton (A2, A2*)
11
L=(CH1+CH2)/2, R=(CH1+CH2)/2
Stereo to Mono



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com