Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STV8206 Datasheet(PDF) 25 Page - STMicroelectronics

Part # STV8206
Description  Multistandard TV Audio Processor and Digital Sound Demodulator
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV8206 Datasheet(HTML) 25 Page - STMicroelectronics

Back Button STV8206 Datasheet HTML 21Page - STMicroelectronics STV8206 Datasheet HTML 22Page - STMicroelectronics STV8206 Datasheet HTML 23Page - STMicroelectronics STV8206 Datasheet HTML 24Page - STMicroelectronics STV8206 Datasheet HTML 25Page - STMicroelectronics STV8206 Datasheet HTML 26Page - STMicroelectronics STV8206 Datasheet HTML 27Page - STMicroelectronics STV8206 Datasheet HTML 28Page - STMicroelectronics STV8206 Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 97 page
background image
25/97
STV82x6
Audio Matrices
4
Audio Matrices
In addition to the sound carrier source (SIF), the STV82x6 accepts up to three analog stereo audio
inputs (2 VRMS SCART compatible) and one analog mono audio input (0.5 VRMS). These different
sources can go back out through four analog stereo audio outputs which are Loudspeaker +
Subwoofer and Headphone (1 VRMS) and two compatible SCART audio outputs (2 VRMS). An extra
digital stereo output (I²S compatible) is available for interfacing with a Dolby Pro Logic Decoder or
an external Digital-to-Analog Converter (DAC).
Figure 15: Audio Matrix Block Diagram
SCART1 In
SCART2 In
SCART3 In
Mono In
I²S
LS
SCART1 Out
SCART2 Out
A/D
D/A
Lang.
Select
CH_SEL (49h)
Low Noise
Mute
SW1
SW2
SW3
SW4
SW6
SW7
D/A
Low Noise
Mute
SW5
D/A
SW
Low Noise
Low Noise
Switch
Demodulator
Level
Prescaling
CH_LANG (4Ah)
CH_SEL (49h)
CH_LANG (4Ah)
CH_SEL (49h)
CH_LANG (4Ah)
CH_SEL (49h)
CH_LANG (4Ah)
ANA_SCART (06h)
ANA_SCART (06h)
ANA_SCART (06h)
CH_MX (48h)
Demod.
Matrix
CH_MX (48h)
SIF
MONOIN
(AI1L, AI1R)
(AI2L, AI2R)
(AI3L, AI3R)
(AO1L, AO1R)
(AO2L, AO2R)
SDO
(LSL, LSR)
SW
(HPL, HPR)
Lang.
Select
Audio
DSP
HP
D/A
Lang.
Select
Audio
DSP
Low Noise
Mute
Lang.
Select
SCART
Matrix
Low Noise
Mute
Switch
Low Noise
Low Noise
Mute
Switch
I²S
I²S
Matrix
CH_MX (48h)
SDI



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com