Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STV8206 Datasheet(PDF) 70 Page - STMicroelectronics

Part # STV8206
Description  Multistandard TV Audio Processor and Digital Sound Demodulator
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV8206 Datasheet(HTML) 70 Page - STMicroelectronics

Back Button STV8206 Datasheet HTML 66Page - STMicroelectronics STV8206 Datasheet HTML 67Page - STMicroelectronics STV8206 Datasheet HTML 68Page - STMicroelectronics STV8206 Datasheet HTML 69Page - STMicroelectronics STV8206 Datasheet HTML 70Page - STMicroelectronics STV8206 Datasheet HTML 71Page - STMicroelectronics STV8206 Datasheet HTML 72Page - STMicroelectronics STV8206 Datasheet HTML 73Page - STMicroelectronics STV8206 Datasheet HTML 74Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 97 page
background image
Register List
STV82x6
70/97
9.13
Surround
LS_SRD_CTRL
Loudspeaker Surround Control Register
LS_STS_GAIN
Loudspeaker ST WideSurround Gain Register
Address (hex): 5Bh
Type: R/W
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
SRD_ON
0
0
0
0
SRD_SEL
SRD_STEREO
STS_MODE
Bit Name
Reset
Function
SRD_ON
0
Surround Sound Enable
0: Surround Sound is disabled
1: Surround Sound is enabled
Bits[6:3]
0000
Reserved
SRD_SEL
0
Surround Sound Select
0: ST WideSurround Sound (Default)
1: SRS™ Surround Sound. This option is only available if the SRS_ON bit in register CUT_ID is
set. (STV8226/36 only)
SRD_STEREO
0
Surround Sound Stereo Mode
0: Surround Sound in Mono mode (Default)
1: Surround Sound in Stereo mode
STS_MODE
0
ST WideSurround Sound Mode Selection for Stereo Source Only
The ST_ID bit in register AUTO_STAT must be set.
0: ST WideSurround Sound Movie mode (Default)
1: ST WideSurround Sound Music mode
Address (hex): 5Ch
Type: R/W
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
STS_GAIN[7:0]
Bit Name
Reset
Function
STS_GAIN[7:0]
10000000
Defines the ST WideSurround Sound component gain in linear scale.
Level (%)
Level (%)
1000 0000 (Default)
100%
0000 0100
3.1%
0111 1111
99.2%
0000 0011
2.3%
0111 1110
98.4%
0000 0010
1.6%
0111 1101
97.6%
0000 0001
0.8%
........
0000 0000
0%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com