Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STV8206 Datasheet(PDF) 62 Page - STMicroelectronics

Part # STV8206
Description  Multistandard TV Audio Processor and Digital Sound Demodulator
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV8206 Datasheet(HTML) 62 Page - STMicroelectronics

Back Button STV8206 Datasheet HTML 58Page - STMicroelectronics STV8206 Datasheet HTML 59Page - STMicroelectronics STV8206 Datasheet HTML 60Page - STMicroelectronics STV8206 Datasheet HTML 61Page - STMicroelectronics STV8206 Datasheet HTML 62Page - STMicroelectronics STV8206 Datasheet HTML 63Page - STMicroelectronics STV8206 Datasheet HTML 64Page - STMicroelectronics STV8206 Datasheet HTML 65Page - STMicroelectronics STV8206 Datasheet HTML 66Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 97 page
background image
Register List
STV82x6
62/97
CH_SEL
Channel Source Selection Register
Note:
A mute of the corresponding audio output is recommended before switching between Demodulated
sound and SCART source. Any audio discontinuity might create annoying audible plops.
CH_LANG
Channel Language Selection Register
Note: 1 Refer to Table 4 and Table 5 for selecting Channel Language, Sound and System values.
1011
FM_L
NIC_L
NIC_R
11XX
FM_L
NIC_L
0
Address (hex): 49h
Type: R/W
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
I2S_SEL[1:0]
SC_SEL[1:0]
HP_SEL[1:0]
LS_SEL[1:0]
Bit Name
Reset
Function
I2S_SEL[1:0]
00
Source Channel Selection.
0X: Demodulated sound (Default)
10: SCART
11: I²S
SC_SEL[1:0]
00
HP_SEL[1:0]
00
LS_SEL[1:0]
00
Address (hex): 4Ah
Type: R/W
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
I2S_LANG[1:0]
SC_LANG[1:0]
HP_LANG[1:0]
LS_LANG[1:0]
Bit Name
Reset
Function
I2S_LANG[1:0]
00
Channel Language Selection. See Table 4 and Table 5.
00: Not to be used.
01: Mono A
10: Mono B
11: Mono C
SC_LANG[1:0]
00
HP_LANG[1:0]
00
LS_LANG[1:0]
00
Table 21: Demodulator Matrixing (Continued)
DEMOD_0
DEMOD_1
DEMOD_2
Left
RightLeftRight
Left



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com