Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STV8206 Datasheet(PDF) 37 Page - STMicroelectronics

Part # STV8206
Description  Multistandard TV Audio Processor and Digital Sound Demodulator
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV8206 Datasheet(HTML) 37 Page - STMicroelectronics

Back Button STV8206 Datasheet HTML 33Page - STMicroelectronics STV8206 Datasheet HTML 34Page - STMicroelectronics STV8206 Datasheet HTML 35Page - STMicroelectronics STV8206 Datasheet HTML 36Page - STMicroelectronics STV8206 Datasheet HTML 37Page - STMicroelectronics STV8206 Datasheet HTML 38Page - STMicroelectronics STV8206 Datasheet HTML 39Page - STMicroelectronics STV8206 Datasheet HTML 40Page - STMicroelectronics STV8206 Datasheet HTML 41Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 97 page
background image
37/97
STV82x6
Register List
9.2
STV82x6 General Control Registers
CUT_ID
Version Identification
RESET
Software Reset Register
Description
The built-in Automatic Standard Recognition System (AUTOSTD) can be disabled by bit
AUTO_OFF (when high). In this case, the Software Reset function (bits SOFT_LRESTART1 and
SOFT_LRESTART2) can be used to implement the Automatic Standard Recognition by I²C
Software. This is not required if the built-in Automatic Standard Recognition System function is used
(default).
HP_CVOL/
HP_VOL_L
76h
1000 0000
CVOL[7:0]
HP_BAL/
HP_VOL_R
77h
0000 0000
BAL[7:0] (S)
Beeper
BEEPER_CTRL
79h
0000 0000
LS_BEEP_
ON
HP_BEEP_
ON
BEEP_MOD
E
0
0
0
BEEP_DURATION[1:0]
BEEPER_TONE
7Ah
0111 0000
BEEP_FREQ[2:0]
BEEP_VOL[4:0]
Address (hex): 00h
Type: R
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
SRS_ON
0
CUT_NUMBER[5:0]
Bit Name
Reset
Function
SRS_ON
0
Identifies the STV82x6 version
0: version without SRS™ (STV82x6) - Only ST WideSurround can be used
1: version with SRS™ (STV8226/36) - Both SRS™ and ST WideSurround are available
Bit 6
0
Reserved.
CUT_NUMBER[5:0]
010001 Dice Version Identification
Address (hex): 02h
Type: R/W
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
0
SCLPD_OFF
AUTO_OFF
0
0
SOFT_LRST1 SOFT_LRST2
SOFT_RST
Table 10: List of I²C Registers (Sheet 5 of 5)
Name
Addr.
(Hex)
Reset
Value (Bin)
Register Function and Description
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com