Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STV8206 Datasheet(PDF) 41 Page - STMicroelectronics

Part # STV8206
Description  Multistandard TV Audio Processor and Digital Sound Demodulator
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV8206 Datasheet(HTML) 41 Page - STMicroelectronics

Back Button STV8206 Datasheet HTML 37Page - STMicroelectronics STV8206 Datasheet HTML 38Page - STMicroelectronics STV8206 Datasheet HTML 39Page - STMicroelectronics STV8206 Datasheet HTML 40Page - STMicroelectronics STV8206 Datasheet HTML 41Page - STMicroelectronics STV8206 Datasheet HTML 42Page - STMicroelectronics STV8206 Datasheet HTML 43Page - STMicroelectronics STV8206 Datasheet HTML 44Page - STMicroelectronics STV8206 Datasheet HTML 45Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 97 page
background image
41/97
STV82x6
Register List
9.4
Clocking
A low-jitter PLL Clock is integrated and can be fully reprogrammed using the registers described
below. By default, the programming is defined for a 27-MHz quartz crystal frequency, which is the
frequency recommended for reducing potential RF interference in the application. (See Section
2.2: System Clock.) However, if necessary, the PLL Clock can be re-programmed for other quartz
crystal frequencies within a range from 23 to 30 MHz. Other quartz crystal frequencies can be
programmed on your demand.
Note:
A Crystal Frequency change is compatible with other default I²C programming including the built-in
Automatic Standard Recognition System.
PLL_DIV
PLL Frequency Divider Register
Bit Name
Reset
Function
HPD_IN
0
Headphone Input Pin Status
Read only I²C bit that displays the HPD pin Status
0: Headphone is detected
1: Headphone is not detected
HPD_ON
0
Headphone Detection Enable
0: Headphone Detection is disabled
1: Headphone Detection is enabled. If the HPD_IN bit is set, the Loudspeaker and Subwoofer
mute is activated
SW_ON
0
Subwoofer Enable
Before switching on/off the subwoofer, a mute is recommended to prevent an audible plop.
0: Subwoofer is disabled. Headphone output is selected.
1: Subwoofer is enabled. Subwoofer output is selected and Headphone output is in Mono mode
Bits[4:3]
00
Reserved.
MUTE_LS
MUTE_SW
MUTE_HP
000
000: LS + SW + HP mono
100: Not used.
001: LS + SW
101: Not used.
010: LS + HP stereo
110: HP stereo only.
011: LS only
111: All muted (Default)
Address (hex): 08h
Type: R/W
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
0
0
SDIV[2:0]
FDIV[2:0]
Bit Name
Reset
Function
Bits[7:6]
00
Reserved.
SDIV[2:0]
000
PLL Frequency S-Divider
FDIV[2:0
101
PLL Frequency F-Divider



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com