Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STV8206 Datasheet(PDF) 11 Page - STMicroelectronics

Part # STV8206
Description  Multistandard TV Audio Processor and Digital Sound Demodulator
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV8206 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button STV8206 Datasheet HTML 7Page - STMicroelectronics STV8206 Datasheet HTML 8Page - STMicroelectronics STV8206 Datasheet HTML 9Page - STMicroelectronics STV8206 Datasheet HTML 10Page - STMicroelectronics STV8206 Datasheet HTML 11Page - STMicroelectronics STV8206 Datasheet HTML 12Page - STMicroelectronics STV8206 Datasheet HTML 13Page - STMicroelectronics STV8206 Datasheet HTML 14Page - STMicroelectronics STV8206 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 97 page
background image
11/97
STV82x6
General Description
-
27
N/C
Not Used
26
28
LSL
A
Left Loudspeaker Output
27
29
LSR
A
Right Loudspeaker Output
28
30
SW
A
Subwoofer Output
29
31
HPL
A
Left Headphone Output
30
32
HPR
A
Right Headphone Output
31
33
GNDSA
AP
Substrate Analog/Digital Shield
-
34
N/C
Not Used
32
35
HPD
B
Headphone Detection Input (Active Low)
33
36
ADR
I
Hardware I²C Chip Address Control
-
37/38
N/C
Not Used
34
39
SCL
OD
I²C Serial Clock
35
40
SDA
OD
I²C Serial Data
-
41
N/C
Not Used
36
42
REG
A
5 V Power Regulator Control
37
43
RESET
I
Hardware Reset (Active Low)
38
44
SYSCK
B
System Clock Output
39
45
MCK
B
I²S Master Clock Output
40
46
VDD1
DP
3.3V Power Supply for Digital Core & IO Cells
41
47
GND1
DP
0V Power Supply for Digital Core & IO Cells
-
48
N/C
Not Used
42
49
GNDSP
AP
Substrate Analog/Digital Shield for Clock-PLL
50/51
N/C
Not Used
43
52
XTI
I
Crystal Oscillator Input
44
53
XTO
O
Crystal Oscillator Output
45
54
VDDP
AP
3.3 V Power Supply for Analog PLL Clock
46
55
GNDP
AP
0 V Power Supply for Analog PLL Clock
47
56
GND2
DP
0 V Power Supply for Digital Core, DSPs & IO Cells
48
57
VDD2
DP
3.3 V Power Supply for Digital Core, DSPs & IO Cells
49
58
CKTST
I
Must be Connected to 0 V
-
59/60
N/C
Not Used
50
61
SDO
B
I²S Bus Data Output
51
62
ST/SDI
B
Stereo Detection Output / I²S Bus Data Input
52
63
WS
B
I²S Bus Word Select Output
53
64
SCK
B
I²S Bus Clock Output
54
65
BUS1
B
I²C Bus Expander Output 1
-
66/67
N/C
Not Used
55
68
BUS0
B
I²C Bus Expander Output 2
56
69
IRQ
B
I²C Status Read Request
-
70
N/C
Not Used
-
71
N/C
Not Used
-
72
N/C
Not Used
Table 2: Pin Description (Continued)
SDIP
56
TQFP
80
Name
Type
Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com