Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PC7410 Datasheet(PDF) 11 Page - ATMEL Corporation

Part # PC7410
Description  PowerPC 7410 RISC Microprocessor Product Specification
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

PC7410 Datasheet(HTML) 11 Page - ATMEL Corporation

Back Button PC7410 Datasheet HTML 7Page - ATMEL Corporation PC7410 Datasheet HTML 8Page - ATMEL Corporation PC7410 Datasheet HTML 9Page - ATMEL Corporation PC7410 Datasheet HTML 10Page - ATMEL Corporation PC7410 Datasheet HTML 11Page - ATMEL Corporation PC7410 Datasheet HTML 12Page - ATMEL Corporation PC7410 Datasheet HTML 13Page - ATMEL Corporation PC7410 Datasheet HTML 14Page - ATMEL Corporation PC7410 Datasheet HTML 15Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 54 page
background image
11
PC7410
2141D–HIREL–02/04
Recommended
Operating Conditions
Notes:
1. These are the recommended and tested operating conditions. Proper device operation outside of these conditions is not
guaranteed.
2.
PC7410RXnnnLE (Rev 1.4) and later only. Previous revisions do not support 3.3V OV
DD and have a recommended OVDD
value of 2.5V ±100 mV for BVSEL = 1.
3.
PC7410RXnnnLE (Rev 1.4) and later only. Previous revisions do not support BVSEL = HRESET.
4. Not supported for N spec with V
DD = 1.5V
Table 4. Recommended Operating Conditions(1)
Symbol
Characteristic
Recommended
Value
Unit
VDD
Core supply voltage
1.8 ± 100 mV
or 1.5 ± 50 mV
V
AVDD
PLL supply voltage
1.8 ± 100 mV
or 1.5 ± 50 mV
V
L2AV
DD
L2 DLL supply voltage
1.8 ± 100 mV
or 1.5 ± 50 mV
V
OVDD
Processor bus supply voltage see note (3)
BVSEL = 0
1.8 ± 100 mV
V
OV
DD
BVSEL = HRESET
2.5 ± 100 mV
V
OVDD
(2)(3)
BVSEL = 1 or = HRESET(4)
3.3 ± 165 mV
V
L2OVDD
L2 bus supply voltage
L2VSEL = 0
1.8 ± 100 mV
V
L2OV
DD
L2VSEL = 1
(2) or L2VSEL = HRESET
2.5 ± 100 mV
V
VIN
Input voltage
Processor bus
GND to OVDD
V
VIN
L2 Bus
GND to L2OVDD
V
V
IN
JTAG Signals
GND to OV
DD
V
Tj
Die-junction temperature
-55 to 125
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com