Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PC7410 Datasheet(PDF) 14 Page - ATMEL Corporation

Part # PC7410
Description  PowerPC 7410 RISC Microprocessor Product Specification
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

PC7410 Datasheet(HTML) 14 Page - ATMEL Corporation

Back Button PC7410 Datasheet HTML 10Page - ATMEL Corporation PC7410 Datasheet HTML 11Page - ATMEL Corporation PC7410 Datasheet HTML 12Page - ATMEL Corporation PC7410 Datasheet HTML 13Page - ATMEL Corporation PC7410 Datasheet HTML 14Page - ATMEL Corporation PC7410 Datasheet HTML 15Page - ATMEL Corporation PC7410 Datasheet HTML 16Page - ATMEL Corporation PC7410 Datasheet HTML 17Page - ATMEL Corporation PC7410 Datasheet HTML 18Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 54 page
background image
14
PC7410
2141D–HIREL–02/04
Adhesives and Thermal
Interface Materials
A thermal interface material is recommended at the package lid-to-heat sink interface to
minimize the thermal contact resistance. For those applications where the heat sink is
attached by spring clip mechanism, Figure 6 shows the thermal performance of three
thin-sheet thermal-interface materials (silicone, graphite/oil, floroether oil), a bare joint
and a joint with thermal grease as a function of contact pressure. As shown, the perfor-
mance of these thermal interface materials improves with increasing contact pressure.
The use of thermal grease significantly reduces the interface thermal resistance. That is,
the bare joint results in a thermal resistance approximately seven times greater than the
thermal grease joint.
Heat sinks are attached to the package by means of a spring clip to holes in the printed-
circuit board (see Figure 5). This spring force should not exceed 5.5 pounds of force.
Therefore, synthetic grease offers the best thermal performance, considering the low
interface pressure.
The board designer can choose between several types of thermal interface. Heat sink
adhesive materials should be selected based upon high conductivity, yet must have
adequate mechanical strength to meet equipment shock/vibration requirements.
Figure 6. Thermal Performance of Different Thermal Interface Materials
0
0.5
1
1.5
2
010
20
30
40
50
60
70
80
Silicone Sheet (0.006")
Bare Joint
Floroether Oil Sheet (0.007")
Graphite/Oil Sheet (0.005")
Synthetic Grease
Contact Pressure (psi)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com