Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PC7410 Datasheet(PDF) 16 Page - ATMEL Corporation

Part # PC7410
Description  PowerPC 7410 RISC Microprocessor Product Specification
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

PC7410 Datasheet(HTML) 16 Page - ATMEL Corporation

Back Button PC7410 Datasheet HTML 12Page - ATMEL Corporation PC7410 Datasheet HTML 13Page - ATMEL Corporation PC7410 Datasheet HTML 14Page - ATMEL Corporation PC7410 Datasheet HTML 15Page - ATMEL Corporation PC7410 Datasheet HTML 16Page - ATMEL Corporation PC7410 Datasheet HTML 17Page - ATMEL Corporation PC7410 Datasheet HTML 18Page - ATMEL Corporation PC7410 Datasheet HTML 19Page - ATMEL Corporation PC7410 Datasheet HTML 20Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 54 page
background image
16
PC7410
2141D–HIREL–02/04
Figure 7. Thermalloy #2328B Heat Sink-to-ambient Thermal Resistance vs. Airflow
Velocity
Assuming an air velocity of 0.5 m/s, the effective R
sa is 7°C/W, thus
,
resulting in a die-junction temperature of approximately 75
°C which is well within the
maximum operating temperature of the component.
Other heat sinks offered by Chip Coolers, IERC, Thermalloy, Wakefield Engineering and
Aavid Engineering offer different heat sink-to-ambient thermal resistances and may or
may not need air flow.
Though the die junction-to-ambient and the heat sink-to-ambient thermal resistances
are a common figure of merit used for comparing the thermal performance of various
microelectronic packaging technologies, one should exercise caution when only using
this metric in determining thermal management because no single parameter can ade-
quately describe three-dimensional heat flow. The final die-junction operating
temperature is not only a function of the component-level thermal resistance, but of the
system-level design and its operating conditions. In addition to the component's power
consumption, a number of factors affect the final operating die-junction temperature –
airflow, board population (local heat flux of adjacent components), heat sink efficiency,
heat sink attach, heat sink placement, next-level interconnect technology, system air
temperature rise, altitude, etc.
1
3
5
7
8
00.5
11.5
22.5
3
3.5
Thermalloy #2328B Pin-Fin Heat Sink
(25 x 28 x 15 mm)
Approach Air Velocity (m/s)
2
4
6
Tj
30
°C 5°C
0,03
°CW
⁄
1,0
°CW
⁄
7
°CW
⁄
++
() 5W
×
++
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com