Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PC7410 Datasheet(PDF) 37 Page - ATMEL Corporation

Part # PC7410
Description  PowerPC 7410 RISC Microprocessor Product Specification
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

PC7410 Datasheet(HTML) 37 Page - ATMEL Corporation

Back Button PC7410 Datasheet HTML 33Page - ATMEL Corporation PC7410 Datasheet HTML 34Page - ATMEL Corporation PC7410 Datasheet HTML 35Page - ATMEL Corporation PC7410 Datasheet HTML 36Page - ATMEL Corporation PC7410 Datasheet HTML 37Page - ATMEL Corporation PC7410 Datasheet HTML 38Page - ATMEL Corporation PC7410 Datasheet HTML 39Page - ATMEL Corporation PC7410 Datasheet HTML 40Page - ATMEL Corporation PC7410 Datasheet HTML 41Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 54 page
background image
37
PC7410
2141D–HIREL–02/04
Figure 26. Mechanical Dimensions and Bottom Surface Nomenclature of the 360-ball HiTCE Package
Notes:
1. Dimensioning and tolerancing per ASME Y14.5M, 1994
2. Dimensions in millimeters
3. Top side A1 corner index is a metallized feature with various shapes. Bottom side A1 corner is designated with a ball missing
from the array
Package
Caps
Value
µF
Voltage
Reference
C1-1
0.01
L2OVDD
C1-2
GND
C2-1
0.01
L2OVDD
C2-2
GND
C3-1
0.01
VDD
C3-2
GND
C4-1
0.01
OVDD
C4-2
GND
C5-1
0.01
OVDD
C5-2
GND
C6-1
0.01
VDD
C6-2
GND
Millimeters
DIM
MIN
MAX
A
2,72
3,2
A1
0,8
1
A2
1,1
1,3
A3
0,6
A4
0,82
0,9
b
0,82
0,93
D
25 BSC
D2
10 typ
D3
6,32
e1,27 BSC
E
25 BSC
E2
12,6 typ
E3
8,26
J1
0,89 BSC
J2
3,2 BSC
J3
0,68 BSC
K1
6,56
K2
8,13
L1
8,61
L2
7,04
B
C
360X
e
1 2 3 4 5 6 7 8 9 10 11 1213141516
A
B
C
D
E
F
G
H
J
K
L
M
N
P
R
T
A
0.3
C
0.15
B
171819
U
W
V
D2
D3
D
C6-2
C6-1
E2
E
B
E3
0.2
2X
0.2
2X
A
C1-1
C1-2
12X
J2
L2 L1
C5-1
C5-2
C2-2
C2-1
C4-1
C3-1
C3-2
C4-2
12X
J1
12X
J3
K2
K1
A1 CORNER
0.15 A
0.25 A
0.35 A
C
A3
A2
A4
A1
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com