Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PC7410 Datasheet(PDF) 38 Page - ATMEL Corporation

Part # PC7410
Description  PowerPC 7410 RISC Microprocessor Product Specification
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

PC7410 Datasheet(HTML) 38 Page - ATMEL Corporation

Back Button PC7410 Datasheet HTML 34Page - ATMEL Corporation PC7410 Datasheet HTML 35Page - ATMEL Corporation PC7410 Datasheet HTML 36Page - ATMEL Corporation PC7410 Datasheet HTML 37Page - ATMEL Corporation PC7410 Datasheet HTML 38Page - ATMEL Corporation PC7410 Datasheet HTML 39Page - ATMEL Corporation PC7410 Datasheet HTML 40Page - ATMEL Corporation PC7410 Datasheet HTML 41Page - ATMEL Corporation PC7410 Datasheet HTML 42Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 54 page
background image
38
PC7410
2141D–HIREL–02/04
Figure 27. Mechanical Dimensions and Bottom Surface Nomenclature of the 360-column CI-CGA Package
Parameter
Min
Max
Parameter
Min
Max
A
3.4
4.20
D3
2.75
–
A1
1.545
1.695
D4
6.32
A2
1.10
1.30
E
25.00 BASIC
A3
–
0.6
E1
22.86 BASIC
A4
0.82
0.9
E2
–
15
B
0.82
0.93E33.00
–
D
25.00 BASIC
E4
8.26
D1
22.86 BASIC
G
1.27 BASIC
D2
–
13
A
A1
A2
A
0.15 A
F
T
360X
G
1 2 3 4 5 6 7 8 9 10 11 1213141516
A
B
C
D
E
F
G
H
J
K
L
M
N
P
R
T
E
0.3
T
0.15
B
171819
U
W
V
K
K
D
PIN A1
E
D4
0.2
2X
B
E2
TOPVIEW
INDEX
D3
E3
0.2
2X
A3
A4
D1
E1
C
D2
E4
0.15
2X
360X
0.35 A
GND : C1.2 C2.2 C3.2 C4.2 C5.2 C6.2
C1.1, C2.1 : L2OVDD
C3.1, C6.1 : OVDD
C4.1, C5.1 : OVDD
C6
C1
C2
C3
C4
C5
2
1
12
12
1
2
2
1
2
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com