Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PC7410 Datasheet(PDF) 41 Page - ATMEL Corporation

Part # PC7410
Description  PowerPC 7410 RISC Microprocessor Product Specification
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

PC7410 Datasheet(HTML) 41 Page - ATMEL Corporation

Back Button PC7410 Datasheet HTML 37Page - ATMEL Corporation PC7410 Datasheet HTML 38Page - ATMEL Corporation PC7410 Datasheet HTML 39Page - ATMEL Corporation PC7410 Datasheet HTML 40Page - ATMEL Corporation PC7410 Datasheet HTML 41Page - ATMEL Corporation PC7410 Datasheet HTML 42Page - ATMEL Corporation PC7410 Datasheet HTML 43Page - ATMEL Corporation PC7410 Datasheet HTML 44Page - ATMEL Corporation PC7410 Datasheet HTML 45Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 54 page
background image
41
PC7410
2141D–HIREL–02/04
It is the recommendation of Motorola, that systems that implement the AV
DD filter shown
in Figure 29 design in the pads for the removed capacitors (shown in Figure 28), to pro-
vide for the possible reintroduction of the filter in Figure 28. This would be necessary in
case there is a planned transition to the HCTE package of the PC7410.
Figure 28. PLL Power Supply Filter Circuit #1
Figure 29. PLL Power Supply Filter Circuit #2
Power Supply Voltage
Sequency
The notes in Table 2 contain cautions about the sequencing of the external bus voltages
and core voltage of the PC7410 (when they are different). These cautions are necessary
for the long term reliability of the part. If they are violated, the electrostatic discharge
(ESD) protection diodes will be forward-biased and excessive current can flow through
these diodes. If the system power supply design does not control the voltage sequenc-
ing, one or both of the circuits of Figure 30 can be added to meet these requirements.
The MUR420 Schottky diodes of Figure 30 control the maximum potential difference
between the external bus and core power supplies on power-up and the 1N5820 diodes
regulate the maximum potential difference on power-down.
Figure 30. Example Voltage Sequencing Circuits
VDD
10
Ω
2.2
µF
2.2
µF
GND
AVDD (or L2AVDD)
Low ESL surface mount capacitor
VDD
AVDD
51
Ω
GND
Capacitor
Pad Sites
MUR420
MUR420
1N5820
1N5820
1.8V
2.5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com