Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PC7410 Datasheet(PDF) 20 Page - ATMEL Corporation

Part # PC7410
Description  PowerPC 7410 RISC Microprocessor Product Specification
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

PC7410 Datasheet(HTML) 20 Page - ATMEL Corporation

Back Button PC7410 Datasheet HTML 16Page - ATMEL Corporation PC7410 Datasheet HTML 17Page - ATMEL Corporation PC7410 Datasheet HTML 18Page - ATMEL Corporation PC7410 Datasheet HTML 19Page - ATMEL Corporation PC7410 Datasheet HTML 20Page - ATMEL Corporation PC7410 Datasheet HTML 21Page - ATMEL Corporation PC7410 Datasheet HTML 22Page - ATMEL Corporation PC7410 Datasheet HTML 23Page - ATMEL Corporation PC7410 Datasheet HTML 24Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 54 page
background image
20
PC7410
2141D–HIREL–02/04
8. For JTAG support: all signals controlled by BVSEL and L2VSEL will see VIL/VIH/VOL/VOH/CVIH/CVIL DC limits of 1.8V mode
while either the EXTEST or CLAMP instruction is loaded into the IEEE 1149.1 instruction register by the UpdateIR TAP state
until a different instruction is loaded into the instruction register by either another UpdateIR or a Test-Logic-Reset TAP state.
If only TSRT is asserted to the part, and then a SAMPLE instruction is executed, there is no way to control or predict what
the DC voltage limits are. If HRESET is asserted before executing a SAMPLE instruction, the DC voltage limits will be con-
trolled by the BVSEL/L2VSEL settings during HRESET. Anytime HRESET is not asserted (i.e., just asserting TRST
), the
voltage mode is not known until either EXTEST or CLAMP is executed, at which time the voltage level will be at the DC limits
of 1.8V.
Dynamic Characteristics
After fabrication, parts are sorted by maximum processor core frequency as shown in
“Clock AC Specifications” and tested for conformance to the AC specifications for that
frequency. These specifications are for valid processor core frequencies. The processor
core frequency is determined by the bus (SYSCLK) frequency and the settings of the
PLL_CFG[0:3] signals. Parts are sold by maximum processor core frequency.
Clock AC Specifications
Table 10 provides the clock AC timing specifications as defined in Figure 8.
Notes:
1. Caution: The SYSCLK frequency and PLL_CFG[0:3] settings must be chosen such that the resulting SYSCLK (bus) fre-
quency, CPU (core) frequency and PLL (VCO) frequency do not exceed their respective maximum or minimum operating
frequencies. Refer to the PLL_CFG[0:3] signal description in “Clock Selection” on page 39 for valid PLL_CFG[0:3] settings
2. Rise and fall times for the SYSCLK input measured from 0.4V to 2.4V when OVDD = 3.3V nominal.
3. Rise and fall times for the SYSCLK input measured from 0.2V to 1.2V when OVDD = 1.8V or 2.5V nominal.
4. Timing is guaranteed by design and characterization.
5. This represents total input jitter, short-term and long-term combined, and is guaranteed by design.
6. Relock timing is guaranteed by design and characterization. PLL-relock time is the maximum amount of time required for
PLL lock after a stable V
DD and SYSCLK are reached during the power-on reset sequence. This specification also applies
when the PLL has been disabled and subsequently re-enabled during sleep mode. Also note that HRESET must be held
asserted for a minimum of 255 bus clocks after the PLL-relock time during the power-on reset sequence.
Table 10. Clock AC Timing Specifications (See Table 4 for Recommended Operating Conditions)
Symbol
Characteristic
Maximum Processor Core Frequency
Unit
400 MHz
450 MHz
500 MHz
Min
Max
Min
Max
Min
Max
fCORE
(1)
Processor frequency
350
400
350
450
350
500
MHz
f
VCO
(1)
VCO frequency
700
800
700
900
700
1000
MHz
fSYSCLK
(1)
SYSCLK frequency
33
133
33
133
33
133
MHz
tSYSCLK
SYSCLK cycle time
7.5
30
7.5
30
7.5
30
ns
t
KR & tKF
(2)
SYSCLK rise and fall time
1.0
1.0
1
ns
tKR & tKF
(3)
0.5
0.5
0.5
ns
tKHKL/tSYSCLK
(4)
SYSCLK duty cycle measured at OVDD/2
40
60
40
60
40
60
%
SYSCLK jitter(5)
±150
±150
±150
ps
Internal PLL relock time(6)
100
100
100
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com