Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PC7410 Datasheet(PDF) 6 Page - ATMEL Corporation

Part # PC7410
Description  PowerPC 7410 RISC Microprocessor Product Specification
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

PC7410 Datasheet(HTML) 6 Page - ATMEL Corporation

Back Button PC7410 Datasheet HTML 2Page - ATMEL Corporation PC7410 Datasheet HTML 3Page - ATMEL Corporation PC7410 Datasheet HTML 4Page - ATMEL Corporation PC7410 Datasheet HTML 5Page - ATMEL Corporation PC7410 Datasheet HTML 6Page - ATMEL Corporation PC7410 Datasheet HTML 7Page - ATMEL Corporation PC7410 Datasheet HTML 8Page - ATMEL Corporation PC7410 Datasheet HTML 9Page - ATMEL Corporation PC7410 Datasheet HTML 10Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 54 page
background image
6
PC7410
2141D–HIREL–02/04
–
32K 32-byte line, 8-way set associative data cache (dL1)
–
Single-cycle cache access
–
Pseudo least-recently-used (LRU) replacement
–
Data cache supports AltiVec LRU and transient instructions algorithm
–
Copy-back or write-through data cache (on a page-per-page basis)
–
Supports all PowerPC memory coherency modes
–
Non-blocking instruction and data cache
–
Separate copy of data cache tags for efficient snooping
–
No snooping of instruction cache except for ICBI instruction
•
Level 2 (L2) Cache Interface
–
Internal L2 cache controller and tags; external data SRAMs
–
512K, 1M and 2-Mbyte 2-way set associative L2 cache support
–
Copyback or write-through data cache (on a page basis or for all L2)
–
32-byte (512K), 64-byte (1M), or 128-byte (2M) sectored line size
–
Supports pipelined (register-register) synchronous burst SRAMs and
pipelined (register-register) late-write synchronous burst SRAMs
–
Supports direct mapped mode for 256K, 512K, 1M or 2 Mbytes of SRAM
(either all, half or none of L2 SRAM must be configured as direct mapped.
–
Core-to-L2 frequency divisors of ÷1, ÷1.5, ÷2, ÷2.5, ÷3, ÷3.5, and ÷4
supported
–
64-bit data bus which also support 32-bits bus mode
–
Selectable interface voltages of 1.8V and 2.5V
•
Memory Management Unit
–
128 entry, 2-way set associative instruction TLB
–
128 entry, 2-way set associative data TLB
–
Hardware reload for TLBs
–
Four instruction BATs and four data BATs
–
Virtual memory support for up to four petabytes (2
52) of virtual memory
–
Real memory support for up to four gigabytes (2
32) of physical memory
–
Snooped and invalidated for TLBI instructions
•
Efficient Data Flow
–
All data buses between VRF, load/store unit, dL1, iL1, L2 and the bus are
128 bits wide
–
dL1 is fully pipelined to provide 128 bits per cycle to/from the VRF
–
L2 is fully pipelined to provide 128 bits per L2 clock cycle to the L1s
–
Up to eight outstanding out-of-order cache misses between dL1 and L2/bus
–
Up to seven outstanding out-of-order transactions on the bus
–
Load folding to fold new dL1 misses into older outstanding load and store
misses to the same line
–
Store miss merging for multiple store misses to the same line. Only
coherency action taken (i.e., address only) for store misses merged to all 32
bytes of a cache line (no data tenure needed).
–
Two-entry finished store queue and four-entry completed store queue
between load/store unit and dL1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com