Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PC7410 Datasheet(PDF) 23 Page - ATMEL Corporation

Part # PC7410
Description  PowerPC 7410 RISC Microprocessor Product Specification
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

PC7410 Datasheet(HTML) 23 Page - ATMEL Corporation

Back Button PC7410 Datasheet HTML 19Page - ATMEL Corporation PC7410 Datasheet HTML 20Page - ATMEL Corporation PC7410 Datasheet HTML 21Page - ATMEL Corporation PC7410 Datasheet HTML 22Page - ATMEL Corporation PC7410 Datasheet HTML 23Page - ATMEL Corporation PC7410 Datasheet HTML 24Page - ATMEL Corporation PC7410 Datasheet HTML 25Page - ATMEL Corporation PC7410 Datasheet HTML 26Page - ATMEL Corporation PC7410 Datasheet HTML 27Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 54 page
background image
23
PC7410
2141D–HIREL–02/04
Figure 10. AC Test Load for the 60x Interface
Figure 11 provides the mode select input timing diagram for the PC7410. The mode
select inputs are sampled twice, once before and once after HRESET negation.
Figure 11. Mode Input Timing Diagram
where VM = Midpoint Voltage (OV
DD/2)
L2 Clock AC Specifications
The L2CLK frequency is programmed by the L2 configuration register (L2CR[4:6]) core-
to-L2 divisor ratio. See Table 18 for example core and L2 frequencies at various divi-
sors. Table 12 provides the potential range of L2CLK output AC timing specifications as
defined in Figure 12.
The L2SYNC_OUT signal is intended to be routed halfway out to the SRAMs and then
returned to the L2SYNC_IN input of the PC7410 to synchronize L2CLKOUT at the
SRAM with the processor’s internal clock. L2CLKOUT at the SRAM can be offset for-
ward or backward in time by shortening or lengthening the routing of L2SYNC_OUT to
L2SYNC_IN. See Motorola Application Note AN179/D "PowerPC Backside L2 Timing
Analysis for the PCB Design Engineer."
The minimum L2CLK frequency of Table 12 is specified by the maximum delay of the
internal DLL. The variable-tap DLL introduces up to a full clock period delay in the
L2CLKOUTA, L2CLKOUTB and L2SYNC_OUT signals so that the returning
L2SYNC_IN signal is phase aligned with the next core clock (divided by the L2 divisor
ratio). Do not choose a core-to-L2 divisor which results in an L2 frequency below this
minimum, or the L2CLKOUT signals provided for SRAM clocking will not be phase
aligned with the PC7410 core clock at the SRAMs.
The maximum L2CLK frequency shown in Table 12 is the core frequency divided by
one. Very few L2 SRAM designs will be able to operate in this mode. Most designs will
select a greater core-to-L2 divisor to provide a longer L2CLK period for read and write
access to the L2 SRAMs. The maximum L2CLK frequency for any application of the
PC7410 will be a function of the AC timings of the PC7410, the AC timings for the
SRAM, bus loading and printed circuit board trace length.
Atmel is similarly limited by system constraints and cannot perform tests of the L2 inter-
face on a socketed part on a functional tester at the maximum frequencies of Table 12.
Therefore, functional operation and AC timing information are tested at core-to-L2 divi-
sors of 2 or greater.
Z0 = 50
Ω
RL = 50
Ω
OVDD/2
Output
HRESET
Mode Signals
SYSCLK
First sample
Second sample
VM
VM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com