Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SLDM-06D1AX Datasheet(PDF) 14 Page - Bel Fuse Inc.

Part # SLDM-06D1AX
Description  Non-Isolated DC-DC Converter
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

SLDM-06D1AX Datasheet(HTML) 14 Page - Bel Fuse Inc.

Back Button SLDM-06D1AX Datasheet HTML 10Page - Bel Fuse Inc. SLDM-06D1AX Datasheet HTML 11Page - Bel Fuse Inc. SLDM-06D1AX Datasheet HTML 12Page - Bel Fuse Inc. SLDM-06D1AX Datasheet HTML 13Page - Bel Fuse Inc. SLDM-06D1AX Datasheet HTML 14Page - Bel Fuse Inc. SLDM-06D1AX Datasheet HTML 15Page - Bel Fuse Inc. SLDM-06D1AX Datasheet HTML 16Page - Bel Fuse Inc. SLDM-06D1AX Datasheet HTML 17Page - Bel Fuse Inc. SLDM-06D1AX Datasheet HTML 18Page - Bel Fuse Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 49 page
background image
14
SLDM-06D1Ax
tech.support@psbel.com
belpowersolutions.com
13. OUTPUT FILTERING
These modules are designed for low output ripple voltage and will meet the maximum output ripple specification with suggested 2x0.047µF+1x1uF
ceramic decoupling capacitors and 1x47 µF ceramic capacitors at the output of the module. However, additional output filtering may be required
by the system designer for a number of reasons. First, there may be a need to further reduce the output ripple and noise of the module. Second,
the dynamic response characteristics may need to be customized to a particular load step change.
To reduce the output ripple and improve the dynamic response to a step load change, additional capacitance at the output can be used. Low ESR
polymer and ceramic capacitors are recommended to improve the dynamic response of the module. Figure 38 provides output ripple information,
measured with a scope with its Bandwidth limited to 20MHz for different external capacitance values at various Vo and a full load current of 6A. For
stable operation of the module, limit the capacitance to less than the maximum output capacitance as specified in the electrical specification table.
Optimal performance of the module can be achieved by using the Tunable LoopTM feature described later in this data sheet.
.
Figure 38
Note: Output ripple voltage for various output voltages with external 2x47 µF, 4x47 µF, 6x47 µF or 8x47 µF ceramic capacitors at the
output (6A load). Input voltage is 12V.
14. SAFETY CONSIDERATIONS
For safety agency approval the power module must be installed in compliance with the spacing and separation requirements of the end-
use safety agency standards, i.e., UL 60950-1 2nd, CSA C22.2 No. 60950-1-07, DIN EN 60950-1:2006 + A11 (VDE0805 Teil 1 +
A11):2009-11; EN 60950-1:2006 + A11:2009-03.
For the converter output to be considered meeting the requirements of safety extra-low voltage (SELV), the input must meet SELV
requirements. The power module has extra-low voltage (ELV) outputs when all inputs are ELV.
The input to these units is to be provided with a fast acting fuse (for example, Bel Fuse SMM series) with a maximum rating of 20 A in
the positive input lead.
0
10
20
30
40
50
60
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
Output Voltage(Volts)
1x47uF Ext Cap
2x47uF Ext Cap
4x47uF Ext Cap



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com