Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SLDM-06D1AX Datasheet(PDF) 16 Page - Bel Fuse Inc.

Part # SLDM-06D1AX
Description  Non-Isolated DC-DC Converter
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

SLDM-06D1AX Datasheet(HTML) 16 Page - Bel Fuse Inc.

Back Button SLDM-06D1AX Datasheet HTML 12Page - Bel Fuse Inc. SLDM-06D1AX Datasheet HTML 13Page - Bel Fuse Inc. SLDM-06D1AX Datasheet HTML 14Page - Bel Fuse Inc. SLDM-06D1AX Datasheet HTML 15Page - Bel Fuse Inc. SLDM-06D1AX Datasheet HTML 16Page - Bel Fuse Inc. SLDM-06D1AX Datasheet HTML 17Page - Bel Fuse Inc. SLDM-06D1AX Datasheet HTML 18Page - Bel Fuse Inc. SLDM-06D1AX Datasheet HTML 19Page - Bel Fuse Inc. SLDM-06D1AX Datasheet HTML 20Page - Bel Fuse Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 49 page
background image
16
SLDM-06D1Ax
tech.support@psbel.com
belpowersolutions.com
16. ANALOG ON/OFF
The SLDM-06D1Ax power modules feature an On/Off pin for remote On/Off operation. Two On/Off logic options are available. In the Positive
Logic On/Off option, (device code suffix “0” – see Ordering Information), the module turns ON during a logic High on the On/Off pin and turns
OFF during a logic Low. With the Negative Logic On/Off option, (device code suffix “L” – see Ordering Information), the module turns OFF during
logic High and ON during logic Low. The On/Off signal should be always referenced to ground. For either On/Off logic option, leaving the On/Off
pin disconnected will turn the module ON when input voltage is present.
For positive logic modules, the circuit configuration for using the On/Off pin is shown in Figure 39. When the external transistor Q2 is in the OFF
state, the internal transistor Q7 is turned ON, which turn Q3 OFF which keeps Q6 OFF and Q5 OFF. This allows the internal PWM #Enable
signal to be pulled up by the internal 3.3V, thus turning the module ON. When transistor Q2 is turned ON, the On/Off pin is pulled low, which
turns Q7 OFF which turns Q3, Q6 and Q5 ON and the internal PWM #Enable signal is pulled low and the module is OFF. A suggested value for
Rpullup is 20k.
For negative logic On/Off modules, the circuit configuration is shown in Fig. 40. The On/Off pin should be pulled high with an external pull-up
resistor (suggested value for the 3V to 14V input range is 20Kohms). When transistor Q2 is in the OFF state, the On/Off pin is pulled high,
transistor Q3 is turned ON. This turns Q6 ON, followed by Q5 turning ON which pulls the internal ENABLE low and the module is OFF. To turn
the module ON, Q2 is turned ON pulling the On/Off pin low, turning transistor Q3 OFF, which keeps Q6 and Q5 OFF resulting in the PWM Enable
pin going high.
Figure 39
Circuit configuration for using positive On/Off logic
Figure 40
Circuit configuration for using negative On/Off logic
20K
Rpullup
I
20K
ON/OFF
+
20K
3.3V
470
VIN
20K
Q7
20K
100pF
4.7K
ENABLE
100K
Module
47K
Q2
+VIN
ENABLE
470
4.7K
+VIN
20K
100K
2K
100pF
_
47K
GND
Q6
20K
Q2
+
Module
V
Rpullup
Q3
ON/OFF
20K
I
ON/OFF
3.3V
Q5
20K



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com