Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SLDM-06D1AX Datasheet(PDF) 25 Page - Bel Fuse Inc.

Part # SLDM-06D1AX
Description  Non-Isolated DC-DC Converter
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

SLDM-06D1AX Datasheet(HTML) 25 Page - Bel Fuse Inc.

Back Button SLDM-06D1AX Datasheet HTML 21Page - Bel Fuse Inc. SLDM-06D1AX Datasheet HTML 22Page - Bel Fuse Inc. SLDM-06D1AX Datasheet HTML 23Page - Bel Fuse Inc. SLDM-06D1AX Datasheet HTML 24Page - Bel Fuse Inc. SLDM-06D1AX Datasheet HTML 25Page - Bel Fuse Inc. SLDM-06D1AX Datasheet HTML 26Page - Bel Fuse Inc. SLDM-06D1AX Datasheet HTML 27Page - Bel Fuse Inc. SLDM-06D1AX Datasheet HTML 28Page - Bel Fuse Inc. SLDM-06D1AX Datasheet HTML 29Page - Bel Fuse Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 49 page
background image
SLDM-06D1Ax
25
Asia-Pacific
+86 755 298 85888
Europe, Middle East
+353 61 225 977
North America
+1 408 785 5200
© 2016 Bel Power Solutions & Protection
Rev. AC
41. PMBUS ENABLE ON/OFF
The module can also be turned on and off via the PMBus interface. The OPERATION command is used to actually turn the module on and off via
the PMBus, while the ON_OFF_CONFIG command configures the combination of analog ON/OFF pin input and PMBus commands needed to
turn the module on and off. Bit [7] in the OPERATION command data byte enables the module, with the following functions:
0 : Output is disabled
1 : Output is enabled
This module uses the lower five bits of the ON_OFF_CONFIG data byte to set various ON/OFF options as follows:
Bit Position
4
3
2
1
0
Access
r/w
r/w
r/w
r/w
r
Function
PU
CMD
CPR
POL
CPA
Default Value
1
0
1
1
1
PU: Sets the default to either operate any time input power is present or for the ON/OFF to be controlled by the analog ON/OFF input and the
PMBus OPERATION command. This bit is used together with the CP, CMD and ON bits to determine startup.
Bit Value
Action
0
Module powers up any time power is present regardless of state of the analog ON/OFF
pin
1
Module does not power up until commanded by the analog ON/OFF pin and the
OPERATION command as programmed in bits [2:0] of the ON_OFF_CONFIG register.
CMD: The CMD bit controls how the device responds to the OPERATION command.
Bit Value
Action
0
Module ignores the ON bit in the OPERATION command
1
Module responds to the ON bit in the OPERATION command
CPR: Sets the response of the analog ON/OFF pin. This bit is used together with the CMD, PU and ON bits to determine startup.
Bit Value
Action
0
Module ignores the analog ON/OFF pin, i.e. ON/OFF is only controlled through the
PMBUS via the OPERATION command
1
Module requires the analog ON/OFF pin to be asserted to start the unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com