Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SLDM-06D1AX Datasheet(PDF) 47 Page - Bel Fuse Inc.

Part # SLDM-06D1AX
Description  Non-Isolated DC-DC Converter
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

SLDM-06D1AX Datasheet(HTML) 47 Page - Bel Fuse Inc.

Back Button SLDM-06D1AX Datasheet HTML 41Page - Bel Fuse Inc. SLDM-06D1AX Datasheet HTML 42Page - Bel Fuse Inc. SLDM-06D1AX Datasheet HTML 43Page - Bel Fuse Inc. SLDM-06D1AX Datasheet HTML 44Page - Bel Fuse Inc. SLDM-06D1AX Datasheet HTML 45Page - Bel Fuse Inc. SLDM-06D1AX Datasheet HTML 46Page - Bel Fuse Inc. SLDM-06D1AX Datasheet HTML 47Page - Bel Fuse Inc. SLDM-06D1AX Datasheet HTML 48Page - Bel Fuse Inc. SLDM-06D1AX Datasheet HTML 49Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 47 / 49 page
background image
SLDM-06D1Ax
47
Asia-Pacific
+86 755 298 85888
Europe, Middle East
+353 61 225 977
North America
+1 408 785 5200
© 2016 Bel Power Solutions & Protection
Rev. AC
60. SURFACE MOUNT INFORMATION
Pick and Place
The SLDM-06D1Ax modules use an open frame construction and are designed for a fully automated assembly process. The modules
are fitted with a label designed to provide a large surface area for pick and place operations. The label meets all the requirements for
surface mount processing, as well as safety standards, and is able to withstand reflow temperatures of up to 300oC. The label also carries
product information such as product code, serial number and the location of manufacture.
Nozzle Recommendations
The module weight has been kept to a minimum by using open frame construction. Variables such as nozzle size, tip style, vacuum
pressure and placement speed should be considered to optimize this process. The minimum recommended inside nozzle diameter for
reliable operation is 3mm. The maximum nozzle outer diameter, which will safely fit within the allowable component spacing, is 7 mm.
Bottom Side / First Side Assembly
The modules are lead-free (Pb-free) and RoHS compliant and fully compatible in a Pb-free soldering process. Failure to observe the
instructions below may result in the failure of or cause damage to the modules and can adversely affect long-term reliability.
Lead Free Soldering
The modules are lead-free (Pb-free) and RoHS compliant and fully compatible in a Pb-free soldering process. Failure to observe the
instructions below may result in the failure of or cause damage to the modules and can adversely affect long-term reliability.
Pb-free Reflow Profile
Power Systems will comply with J-STD-020 Rev. D (Moisture/Reflow Sensitivity Classification for Nonhermetic Solid State Surface Mount
Devices) for both Pb-free solder profiles and MSL classification procedures. This standard provides a recommended forced-air-convection
reflow profile based on the volume and thickness of the package (table 4-2). The suggested Pb-free solder paste is Sn/Ag/Cu (SAC). The
recommended linear reflow profile using Sn/Ag/Cu solder is shown in Fig. 50. Soldering outside of the recommended profile requires
testing to verify results and performance.
MSL Rating
The SLDM-06D1Ax modules have a MSL rating of 2A.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com