Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SLDM-06D1AX Datasheet(PDF) 18 Page - Bel Fuse Inc.

Part # SLDM-06D1AX
Description  Non-Isolated DC-DC Converter
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

SLDM-06D1AX Datasheet(HTML) 18 Page - Bel Fuse Inc.

Back Button SLDM-06D1AX Datasheet HTML 14Page - Bel Fuse Inc. SLDM-06D1AX Datasheet HTML 15Page - Bel Fuse Inc. SLDM-06D1AX Datasheet HTML 16Page - Bel Fuse Inc. SLDM-06D1AX Datasheet HTML 17Page - Bel Fuse Inc. SLDM-06D1AX Datasheet HTML 18Page - Bel Fuse Inc. SLDM-06D1AX Datasheet HTML 19Page - Bel Fuse Inc. SLDM-06D1AX Datasheet HTML 20Page - Bel Fuse Inc. SLDM-06D1AX Datasheet HTML 21Page - Bel Fuse Inc. SLDM-06D1AX Datasheet HTML 22Page - Bel Fuse Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 49 page
background image
18
SLDM-06D1Ax
tech.support@psbel.com
belpowersolutions.com
21. OUTPUT TRIM EQUATIONS
Without an external resistor between Trim and SIG_GND pins, the output of the module will be 0.6Vdc.To calculate the value of the trim resistor,
Rtrim for a desired output voltage, should be as per the following equation:
k
Vo
Rtrim
6
.
0
12
Rtrim is the external resistor in KΩ
Vo is the desired output voltage.
Table 1 provides Rtrim values required for some common output voltages.
Table 1
VO, set (V)
Rtrim (KΩ)
0.6
Open
0.9
40
1.0
30
1.2
20
1.5
13.33
1.8
10
2.5
6.316
3.3
4.444
5.0
2.727
22. DIGITAL OUTPUT VOLTAGE ADJUSTMENT
Please see the Digital Feature Descriptions section.
23. REMOTE SENSE
The SLDM-06D1Ax power module has a Remote Sense feature to minimize the effects of distribution losses by regulating the voltage between
the sense pins (VS+ and VS-). The voltage drop between the sense pins and the VOUT and GND pins of the module should not exceed 0.5V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com