Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SLDM-06D1AX Datasheet(PDF) 42 Page - Bel Fuse Inc.

Part # SLDM-06D1AX
Description  Non-Isolated DC-DC Converter
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

SLDM-06D1AX Datasheet(HTML) 42 Page - Bel Fuse Inc.

Back Button SLDM-06D1AX Datasheet HTML 38Page - Bel Fuse Inc. SLDM-06D1AX Datasheet HTML 39Page - Bel Fuse Inc. SLDM-06D1AX Datasheet HTML 40Page - Bel Fuse Inc. SLDM-06D1AX Datasheet HTML 41Page - Bel Fuse Inc. SLDM-06D1AX Datasheet HTML 42Page - Bel Fuse Inc. SLDM-06D1AX Datasheet HTML 43Page - Bel Fuse Inc. SLDM-06D1AX Datasheet HTML 44Page - Bel Fuse Inc. SLDM-06D1AX Datasheet HTML 45Page - Bel Fuse Inc. SLDM-06D1AX Datasheet HTML 46Page - Bel Fuse Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 49 page
background image
42
SLDM-06D1Ax
tech.support@psbel.com
belpowersolutions.com
56. THERMAL CONSIDERATIONS
Power modules operate in a variety of thermal environments; however, sufficient cooling should always be provided to help ensure reliable
operation.
Considerations include ambient temperature, airflow, module power dissipation, and the need for increased reliability. A reduction in the
operating temperature of the module will result in an increase in reliability. The thermal data presented here is based on physical measurements
taken in a wind tunnel. The test set-up is shown in Figure 49. The preferred airflow direction for the module is in Figure 50.
Figure 49
Thermal Test Setup
The thermal reference points, Tref used in the specifications are also shown in Figure 50. For reliable operation the temperatures at these points
should not exceed 130oC at L1 and 125°C at Q3. The output power of the module should not exceed the rated power of the module (Vo,set x
Io,max).
Please refer to the Application Note “Thermal Characterization Process For Open-Frame Board-Mounted Power Modules” for a detailed
discussion of thermal aspects including maximum device temperatures.
Figure 50
Preferred airflow direction and location of hot-spot of the module (Tref).
Air
flow
x
Power Module
Wind Tunnel
PWBs
12.7_
(0.50)
76.2_
(3.0)
Probe Location
for measuring
airflow and
ambient
temperature
25.4_
(1.0)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com