Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SLDM-06D1AX Datasheet(PDF) 20 Page - Bel Fuse Inc.

Part # SLDM-06D1AX
Description  Non-Isolated DC-DC Converter
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

SLDM-06D1AX Datasheet(HTML) 20 Page - Bel Fuse Inc.

Back Button SLDM-06D1AX Datasheet HTML 16Page - Bel Fuse Inc. SLDM-06D1AX Datasheet HTML 17Page - Bel Fuse Inc. SLDM-06D1AX Datasheet HTML 18Page - Bel Fuse Inc. SLDM-06D1AX Datasheet HTML 19Page - Bel Fuse Inc. SLDM-06D1AX Datasheet HTML 20Page - Bel Fuse Inc. SLDM-06D1AX Datasheet HTML 21Page - Bel Fuse Inc. SLDM-06D1AX Datasheet HTML 22Page - Bel Fuse Inc. SLDM-06D1AX Datasheet HTML 23Page - Bel Fuse Inc. SLDM-06D1AX Datasheet HTML 24Page - Bel Fuse Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 49 page
background image
20
SLDM-06D1Ax
tech.support@psbel.com
belpowersolutions.com
26. OUTPUT VOLTAGE SEQUENCING
The SLDM-06D1Ax module includes a sequencing feature, EZ-SEQUENCE that enables users to implement various types of output voltage
sequencing in their applications. This is accomplished via an additional sequencing pin. When not using the sequencing feature, leave it
unconnected.
The voltage applied to the SEQ pin should be scaled down by the same ratio as used to scale the output voltage down to the reference voltage of
the module. This is accomplished by an external resistive divider connected across the sequencing voltage before it is fed to the SEQ pin as
shown in Fig. 44. In addition, a small capacitor (suggested value 100pF) should be connected across the lower resistor R1.
For SLDM-06D1x modules, the minimum recommended delay between the ON/OFF signal and the sequencing signal is 10ms to ensure that the
module output is ramped up according to the sequencing signal. This ensures that the module soft-start routine is completed before the
sequencing signal is allowed to ramp up.
Figure 44
Circuit showing connection of the sequencing signal to the SEQ pin
When the scaled down sequencing voltage is applied to the SEQ pin, the output voltage tracks this voltage until the output reaches the set-point
voltage. The final value of the sequencing voltage must be set higher than the set-point voltage of the module. The output voltage follows the
sequencing voltage on a one-to-one basis. By connecting multiple modules together, multiple modules can track their output voltages to the
voltage applied on the SEQ pin.
The module’s output can track the SEQ pin signal with slopes of up to 0.5V/msec during power-up or power-down.
To initiate simultaneous shutdown of the modules, the SEQ pin voltage is lowered in a controlled manner. The output voltage of the modules
tracks the voltages below their set-point voltages on a one-to-one basis. A valid input voltage must be maintained until the tracking and output
voltages reach ground potential.
Note that in all digital Bel series of modules, the PMBus Output Undervoltage Fault will be tripped when sequencing is employed. This will be
detected using the STATUS_WORD and STATUS_VOUT PMBus commands. In addition, the SMBALERT# signal will be asserted low as occurs
for all faults and warnings. To avoid the module shutting down due to the Output Undervoltage Fault, the module must be set to continue
operation without interruption as the response to this fault (see the description of the PMBus command VOUT_UV_FAULT_RESPONSE for
additional information)
27. OVERCURRENT PROTECTION
To provide protection in a fault (output overload) condition, the unit is equipped with internal current-limiting circuitry and can endure current
limiting continuously. At the point of current-limit inception, the unit enters hiccup mode. The unit operates normally once the output current is
brought back into its specified range.
28. DIGITAL ADJUSTABLE OVERCURRENT WARNING
Please see the Digital Feature Descriptions section.
29. OVERTEMPERATURE PROTECTION
To provide protection in a fault condition, the unit is equipped with a thermal shutdown circuit. The unit will shut down if the overtemperature
threshold of 150oC(typ) is exceeded at the thermal reference point Tref .Once the unit goes into thermal shutdown it will then wait to cool before
attempting to restart.
100 pF
Module
R1=Rtrim
20K
SIG_GND
SEQ
SEQ
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com