Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SLDM-06D1AX Datasheet(PDF) 17 Page - Bel Fuse Inc.

Part # SLDM-06D1AX
Description  Non-Isolated DC-DC Converter
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

SLDM-06D1AX Datasheet(HTML) 17 Page - Bel Fuse Inc.

Back Button SLDM-06D1AX Datasheet HTML 13Page - Bel Fuse Inc. SLDM-06D1AX Datasheet HTML 14Page - Bel Fuse Inc. SLDM-06D1AX Datasheet HTML 15Page - Bel Fuse Inc. SLDM-06D1AX Datasheet HTML 16Page - Bel Fuse Inc. SLDM-06D1AX Datasheet HTML 17Page - Bel Fuse Inc. SLDM-06D1AX Datasheet HTML 18Page - Bel Fuse Inc. SLDM-06D1AX Datasheet HTML 19Page - Bel Fuse Inc. SLDM-06D1AX Datasheet HTML 20Page - Bel Fuse Inc. SLDM-06D1AX Datasheet HTML 21Page - Bel Fuse Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 49 page
background image
SLDM-06D1Ax
17
Asia-Pacific
+86 755 298 85888
Europe, Middle East
+353 61 225 977
North America
+1 408 785 5200
© 2016 Bel Power Solutions & Protection
Rev. AC
17. DIGITAL ON/OFF
Please see the Digital Feature Descriptions section.
18. MONOTONIC START-UP AND SHUTDOWN
The SLDM-06D1Ax module has monotonic start-up and shutdown behavior for any combination of rated input voltage, output current and
operating temperature range.
19. STARTUP INTO PRE-BIASED OUTPUT
The SLDM-06D1Ax module can start into a prebiased output as long as the prebias voltage is 0.5V less than the set output voltage.
20. OUTPUT VOLTAGE PROGRAMMING
The output voltage of the module is programmable to any voltage from 0.6dc to 5.5Vdc by connecting a resistor between the Trim and SIG_GND
pins of the module. Certain restrictions apply on the output voltage set point depending on the input voltage. These are shown in the Output
Voltage vs. Input Voltage Set Point Area plot in Fig. 41. The Upper Limit curve shows that for output voltages lower than 1V, the input voltage
must be lower than the maximum of 14.4V. The Lower Limit curve shows that for output voltages higher than 0.6V, the input voltage needs to be
larger than the minimum of 3V.
Figure 41
Output Voltage vs. Input Voltage Set Point Area plot showing limits where the output voltage can be set for different input voltages.
Figure 42
Caution : Do not connect SIG_GND to GND elsewhere in the layout
Circuit configuration for programming output voltage using an external resistor.
VO(+)
TRIM
VS─
Rtrim
LOAD
VIN(+)
ON/OFF
VS+
SIG_GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com