Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SLDM-06D1AX Datasheet(PDF) 26 Page - Bel Fuse Inc.

Part # SLDM-06D1AX
Description  Non-Isolated DC-DC Converter
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

SLDM-06D1AX Datasheet(HTML) 26 Page - Bel Fuse Inc.

Back Button SLDM-06D1AX Datasheet HTML 22Page - Bel Fuse Inc. SLDM-06D1AX Datasheet HTML 23Page - Bel Fuse Inc. SLDM-06D1AX Datasheet HTML 24Page - Bel Fuse Inc. SLDM-06D1AX Datasheet HTML 25Page - Bel Fuse Inc. SLDM-06D1AX Datasheet HTML 26Page - Bel Fuse Inc. SLDM-06D1AX Datasheet HTML 27Page - Bel Fuse Inc. SLDM-06D1AX Datasheet HTML 28Page - Bel Fuse Inc. SLDM-06D1AX Datasheet HTML 29Page - Bel Fuse Inc. SLDM-06D1AX Datasheet HTML 30Page - Bel Fuse Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 49 page
background image
26
SLDM-06D1Ax
tech.support@psbel.com
belpowersolutions.com
42. PMBUS ADJUSTABLE SOFT START RISE TIME
The soft start rise time can be adjusted in the module via PMBus. When setting this parameter, make sure that the charging current for output
capacitors can be delivered by the module in addition to any load current to avoid nuisance tripping of the overcurrent protection circuitry during
startup. The TON_RISE command sets the rise time in ms, and allows choosing soft start times between 600μs and 9ms, with possible values
listed in Table 5. Note that the exponent is fixed at -4 (decimal) and the upper two bits of the mantissa are also fixed at 0
Table 5
Rise Time
Exponent
Mantissa
600μs
11100
00000001010
900μs
11100
00000001110
1.2ms
11100
00000010011
1.8ms
11100
00000011101
2.7ms
11100
00000101011
4.2ms
11100
00001000011
6.0ms
11100
00001100000
9.0ms
11100
00010010000
43. OUTPUT VOLTAGE ADJUSTMENT USING THE PMBUS
The VOUT_SCALE_LOOP parameter is important for a number of PMBus commands related to output voltage trimming, margining, over/under
voltage protection and the PGOOD thresholds. The output voltage of the module is set as the combination of the voltage divider formed by RTrim
and a 20kΩ upper divider resistor inside the module, and the internal reference voltage of the module. The reference voltage VREF is nominally
set at 600mV, and the output regulation voltage is then given by
Hence the module output voltage is dependent on the value of RTrim which is connected external to the module. The information on the output
voltage divider ratio is conveyed to the module through the VOUT_SCALE_LOOP parameter which is calculated as follows:
The VOUT_SCALE_LOOP parameter is specified using the “Linear” format and two bytes. The upper five bits [7:3] of the high byte are used to
set the exponent which is fixed at –9 (decimal). The remaining three bits of the high byte [2:0] and the eight bits of the lower byte are used for the
mantissa. The default value of the mantissa is 00100000000 corresponding to 256 (decimal), corresponding to a divider ratio of 0.5. The
maximum value of the mantissa is 512 corresponding to a divider ratio of 1. Note that the resolution of the VOUT_SCALE_LOOP command is
0.2%.
When PMBus commands are used to trim or margin the output voltage, the value of VREF is what is changed inside the module, which in turn
changes the regulated output voltage of the module.
The nominal output voltage of the module can be adjusted with a minimum step size of 0.4% over a ±25% range from nominal using the
VOUT_TRIM command over the PMBus.
The VOUT_TRIM command is used to apply a fixed offset voltage to the output voltage command value using the “Linear” mode with the
exponent fixed at –10 (decimal). The value of the offset voltage is given by
This offset voltage is added to the voltage set through the divider ratio and nominal VREF to produce the trimmed output voltage. The valid range
in two’s complement for this command is
–4000h to 3FFFh. The high order two bits of the high byte must both be either 0 or 1. If a value
outside of the +/-25% adjustment range is given with this command, the module will set it’s output voltage to the nominal value (as if VOUT_TRIM
had been set to 0), assert SMBALRT#, set the CML bit in STATUS_BYTE and the invalid data bit in STATUS_CML.
REF
OUT
V
RTrim
RTrim
V
20000
RTrim
RTrim
LOOP
SCALE
VOUT
20000
_
_
10
)
(
2
_
TRIM
VOUT
V
offset
OUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com