Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SLDM-06D1AX Datasheet(PDF) 43 Page - Bel Fuse Inc.

Part # SLDM-06D1AX
Description  Non-Isolated DC-DC Converter
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

SLDM-06D1AX Datasheet(HTML) 43 Page - Bel Fuse Inc.

Back Button SLDM-06D1AX Datasheet HTML 39Page - Bel Fuse Inc. SLDM-06D1AX Datasheet HTML 40Page - Bel Fuse Inc. SLDM-06D1AX Datasheet HTML 41Page - Bel Fuse Inc. SLDM-06D1AX Datasheet HTML 42Page - Bel Fuse Inc. SLDM-06D1AX Datasheet HTML 43Page - Bel Fuse Inc. SLDM-06D1AX Datasheet HTML 44Page - Bel Fuse Inc. SLDM-06D1AX Datasheet HTML 45Page - Bel Fuse Inc. SLDM-06D1AX Datasheet HTML 46Page - Bel Fuse Inc. SLDM-06D1AX Datasheet HTML 47Page - Bel Fuse Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 49 page
background image
SLDM-06D1Ax
43
Asia-Pacific
+86 755 298 85888
Europe, Middle East
+353 61 225 977
North America
+1 408 785 5200
© 2016 Bel Power Solutions & Protection
Rev. AC
57. EXAMPLE APPLICATION CIRCUIT
Requirements:
Vin:
12V
Vout:
1.8V
Iout:
4.5A max., worst case load transient is from 3A to 4.5A
Vout:
1.5% of Vout (27mV) for worst case load transient
Vin, ripple
1.5% of Vin (180mV, p-p)
CI1 Decoupling cap - 1x0.047
F/16V ceramic capacitor (e.g. Murata LLL185R71C473MA01)
CI2 2x22
F/16V ceramic capacitor (e.g. Murata GRM32ER61C226KE20)
CI3 470
F/16V bulk electrolytic
CO1 Decoupling cap - 1x0.047
F/16V ceramic capacitor (e.g. Murata LLL185R71C473MA01) + 0.1uF/16V 0402size ceramic
capacitor
CO2 4x47
F/6.3V ceramic capacitor
CO3 -
CTune 2200pF ceramic capacitor (can be 1206, 0805 or 0603 size)
RTune 300 ΩSMT resistor (can be 1206, 0805 or 0603 size)
RTrim 10k
SMT resistor (can be 1206, 0805 or 0603 size, recommended tolerance of 0.1%)
Note: The DATA, CLK and SMBALRT pins do not have any pull-up resistors inside the module. Typically, the SMBus master controller will have
the pull-up resistors as well as provide the driving source for these signals.
RADDR0
DATA
SEQ
VS-
RADDR1
GND
Vin+
CI3
CO3
ADDR0
VOUT
VS+
GND
TRIM
CTUNE
RTUNE
RTrim
VIN
CO1
CI1
Vout+
ON/OFF
SEQ
SMBALRT#
MODULE
PGOOD
ADDR1
SIG_GND
SYNC
CI2
CO2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com