Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SLDM-06D1AX Datasheet(PDF) 22 Page - Bel Fuse Inc.

Part # SLDM-06D1AX
Description  Non-Isolated DC-DC Converter
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

SLDM-06D1AX Datasheet(HTML) 22 Page - Bel Fuse Inc.

Back Button SLDM-06D1AX Datasheet HTML 18Page - Bel Fuse Inc. SLDM-06D1AX Datasheet HTML 19Page - Bel Fuse Inc. SLDM-06D1AX Datasheet HTML 20Page - Bel Fuse Inc. SLDM-06D1AX Datasheet HTML 21Page - Bel Fuse Inc. SLDM-06D1AX Datasheet HTML 22Page - Bel Fuse Inc. SLDM-06D1AX Datasheet HTML 23Page - Bel Fuse Inc. SLDM-06D1AX Datasheet HTML 24Page - Bel Fuse Inc. SLDM-06D1AX Datasheet HTML 25Page - Bel Fuse Inc. SLDM-06D1AX Datasheet HTML 26Page - Bel Fuse Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 49 page
background image
22
SLDM-06D1Ax
tech.support@psbel.com
belpowersolutions.com
37. TUNABLE LOOPTM
The SLDM-06D1Ax has a feature that optimizes transient response of the module called Tunable LoopTM
.
External capacitors are usually added to the output of the module for two reasons: to reduce output ripple and noise (see Figure 38) and to
reduce output voltage deviations from the steady-state value in the presence of dynamic load current changes. Adding external capacitance
however affects the voltage control loop of the module, typically causing the loop to slow down with sluggish response. Larger values of external
capacitance could also cause the module to become unstable.
The Tunable LoopTM allows the user to externally adjust the voltage control loop to match the filter network connected to the output of the
module. The Tunable LoopTM is implemented by connecting a series R-C between the VS+ and TRIM pins of the module, as shown in Fig. 46.
This R-C allows the user to externally adjust the voltage loop feedback compensation of the module.
Figure 46
Circuit diagram showing connection of RTUME and CTUNE to tune the control loop of the module
Recommended values of RTUNE and CTUNE for different output capacitor combinations are given in Table 2. Table 2 shows the recommended
values of RTUNE and CTUNE for different values of ceramic output capacitors up to 1000uF that might be needed for an application to meet
output ripple and noise requirements. Selecting RTUNE and CTUNE according to Table 2 will ensure stable operation of the module.
In applications with tight output voltage limits in the presence of dynamic current loading, additional output capacitance will be required. Table 3
lists recommended values of RTUNE and CTUNE in order to meet 2% output voltage deviation limits for some common output voltages in the
presence of a 3A to 6A step change (50% of full load), with an input voltage of 12V.
Please contact your Bel representative to obtain more details of this feature as well as for guidelines on how to select the right value of external
R-C to tune the module for best transient performance and stable operation for other output capacitance values.
Table 2
Co
3x47F
4x47F
6x47F
10x47F
20x47F
RTUNE
330
300
300
240
180
CTUNE
1000pF
1200pF
2200pF
3300pF
8200pF
General recommended values of of RTUNE and CTUNE for Vin=12V and various external ceramic capacitor combinations.
Table 3.Recommended values of RTUNE and CTUNE to obtain transient deviation of 2% of Vout for a 3A step load with Vin=12V.
Vo
5V
3.3V
2.5V
1.8V
1.2V
0.6V
Co
3x47F
Ceramic
3x47F
Ceramic
4x47F
Ceramic
1x47F
+
1x330
F
Polymer
1x47F
+
1x330
F
Polymer
2x47F
+
3x330
F
Polymer
RTUNE
300
300
300
300
300
200
CTUNE
1000pF
1200pF
1800pF
2700pF
399pF
15nF
V
60mV
54mV
42mV
26mV
22mV
11mV
Recommended values of RTUNE and CTUNE to obtain transient deviation of 2% of Vout for a 3A step load with Vin=12V
.
Note: The capacitors used in the Tunable Loop tables are 47 μF/3 mΩ ESR ceramic and 330 μF/12 mΩ ESR polymer capacitors
VS+
MODULE
SIG_GND
TRIM
VOUT
RTune
CTune
RTrim
CO
GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com