Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GMS77C1001 Datasheet(PDF) 14 Page - Hynix Semiconductor

Part # GMS77C1001
Description  8-BIT SINGLE-CHIP MICROCONTROLLERS
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

GMS77C1001 Datasheet(HTML) 14 Page - Hynix Semiconductor

Back Button GMS77C1001 Datasheet HTML 10Page - Hynix Semiconductor GMS77C1001 Datasheet HTML 11Page - Hynix Semiconductor GMS77C1001 Datasheet HTML 12Page - Hynix Semiconductor GMS77C1001 Datasheet HTML 13Page - Hynix Semiconductor GMS77C1001 Datasheet HTML 14Page - Hynix Semiconductor GMS77C1001 Datasheet HTML 15Page - Hynix Semiconductor GMS77C1001 Datasheet HTML 16Page - Hynix Semiconductor GMS77C1001 Datasheet HTML 17Page - Hynix Semiconductor GMS77C1001 Datasheet HTML 18Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 44 page
background image
GMS77C1000/GMS77C1001
July. 2001 Ver. 1.1
11
7.4 DC Electrical Characteristics (2)
• (TA=-40°
°°°C~+85°°°°C)
Parameter
Symbol
Test Condition
Specification
Unit
Min
Typ1
1.
Data in “Typ” column is at 25
°C unless otherwise stated. These parameters are for design guidance only and are not tested.
Max
Input High Voltage
VIH
V
I/O Ports (TTL)
0.25VDD +0.8
RESET, EC0, (ST)
0.85VDD
VDD
XIN (ST)
RC only
0.85VDD
XIN (ST)
XT, HF, LF
0.7VDD
Input Low Voltage
VIL
V
I/O Ports (TTL)
0.15VDD
RESET, EC0, (ST)
VSS
0.15VDD
XIN (ST)
RC only
0.15VDD
XIN (ST)
XT, HF, LF
0.3VDD
Hysteresis of Schmitt
Trigger Inputs
VHYS
0.15VDD2
2.
This parameter are characterized but not tested.
V
Input Leakage Current
IL
VIN = VDD or VSS
uA
XIN (ST)
XT, HF, LF
-3.0
0.5
3.0
Other Pins
-1.0
0.2
1.0
Output High Voltage
VOH
V
I/O Ports
IOH = -5.0mA, VDD = 4.5V
VDD - 0.9
VDD
XOUT
IOH = -5.0mA, VDD = 4.5V, RC osc.
Output Low Voltage
VOL
V
I/O Ports
IOL = 8.0mA, VDD = 4.5V
VSS
0.8
XOUT
IOL = 600uA, VDD = 4.5V, RC osc.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com