Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GMS77C1001 Datasheet(PDF) 36 Page - Hynix Semiconductor

Part # GMS77C1001
Description  8-BIT SINGLE-CHIP MICROCONTROLLERS
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

GMS77C1001 Datasheet(HTML) 36 Page - Hynix Semiconductor

Back Button GMS77C1001 Datasheet HTML 32Page - Hynix Semiconductor GMS77C1001 Datasheet HTML 33Page - Hynix Semiconductor GMS77C1001 Datasheet HTML 34Page - Hynix Semiconductor GMS77C1001 Datasheet HTML 35Page - Hynix Semiconductor GMS77C1001 Datasheet HTML 36Page - Hynix Semiconductor GMS77C1001 Datasheet HTML 37Page - Hynix Semiconductor GMS77C1001 Datasheet HTML 38Page - Hynix Semiconductor GMS77C1001 Datasheet HTML 39Page - Hynix Semiconductor GMS77C1001 Datasheet HTML 40Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 44 page
background image
GMS77C1000/GMS77C1001
July. 2001 Ver. 1.1
33
14.1 Power-On Reset (POR)
The GMS77C100X family incorporates on-chip Power-
On Reset (POR) circuitry which provides an internal chip
reset for most power-up situations. To use this feature, the
user merely ties the RESET/VPP pin to VDD. A simplified
block diagram of the on-chip Power-On Reset circuit is
shown in Figure 14-1.
The Power-On Reset circuit and the Internal Reset Timer
circuit are closely related. On power-up, the reset latch is
set and the IRT is reset. The IRT timer begins counting
once it detects RESET to be high. After the time-out peri-
od, which is typically 7 ms (oscillation stabilization time),
it will reset the reset latch and thus end the on-chip reset
signal.
FIGURE 14-1 SIMPLIFIED BLOCK DIAGRAM OF ON-CHIP RESET CIRCUIT
VDD
Internal RESET
WDT Time-Overflow
WDT
Power-On
RESET
Power-Fail
Detect
RESET/VPP pin
On-Chip
RC OSC
reset
Internal RESET
Timer ( 8-bit asyn.
ripple counter )
clear
S
R
Q
Q
Noise
Filter
FIGURE 14-2 TIME-OUT SEQUENCE ON POWER-UP (RESET NOT TIED TO VDD)
VDD
RESET
INTERNAL POR
IRT TIMER-OUT
INTERNAL RESET
TIRT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com