Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GMS77C1001 Datasheet(PDF) 38 Page - Hynix Semiconductor

Part # GMS77C1001
Description  8-BIT SINGLE-CHIP MICROCONTROLLERS
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

GMS77C1001 Datasheet(HTML) 38 Page - Hynix Semiconductor

Back Button GMS77C1001 Datasheet HTML 34Page - Hynix Semiconductor GMS77C1001 Datasheet HTML 35Page - Hynix Semiconductor GMS77C1001 Datasheet HTML 36Page - Hynix Semiconductor GMS77C1001 Datasheet HTML 37Page - Hynix Semiconductor GMS77C1001 Datasheet HTML 38Page - Hynix Semiconductor GMS77C1001 Datasheet HTML 39Page - Hynix Semiconductor GMS77C1001 Datasheet HTML 40Page - Hynix Semiconductor GMS77C1001 Datasheet HTML 41Page - Hynix Semiconductor GMS77C1001 Datasheet HTML 42Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 44 page
background image
GMS77C1000/GMS77C1001
July. 2001 Ver. 1.1
35
The POR circuit does not produce an internal reset when
VDD declines.
14.2 Internal Reset Timer (IRT)
The Internal Reset Timer (IRT) provides a fixed 7 ms nom-
inal time-out on reset. The IRT operates on an internal RC
oscillator. The processor is kept in RESET as long as the
IRT is active. The IRT delay allows VDD to rise above
VDD min., and for the oscillator to stabilize.
Oscillator circuits based on crystals or ceramic resonators
require a certain time after power-up to establish a stable
oscillation. The on-chip IRT keeps the device in a RESET
condition for approximately 7 ms after the voltage on the
RESET/VPP pin has reached a logic high (VIH) level and
POR released. Thus, external RC networks connected to
the RESET input are not required in most cases, allowing
for savings in cost-sensitive and/or space restricted appli-
cations. The Device Reset time delay will vary from chip
to chip due to VDD, temperature, and process variation.
The IRT will also be triggered upon a Watchdog Timer
time-out. This is particularly important for applications us-
ing the WDT to wake the GMS77C100X from SLEEP
mode automatically.
FIGURE 14-5 EXTERNAL POWER-ON RESET
CIRCUIT (FOR SLOW VDD POWER- UP)
RESET
- External Power-On Reset circuit is required only if VDD
power-up is too slow. The diode D helps discharge the
capacitor quickly when VDD powers down.
- R < 40 k
Ω is recommended to make sure that voltage
drop across R does not violate the device electrical specifi-
cation
.
- R1 = 100W to 1 kW will limit any current flowing into
RESET from external capacitor C in the event of RESET
pin breakdown due to Electrostatic Discharge (ESD) or
Electrical Overstress (EOS).
R
R1
D
C
VDD
VDD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com