Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GMS77C1001 Datasheet(PDF) 43 Page - Hynix Semiconductor

Part # GMS77C1001
Description  8-BIT SINGLE-CHIP MICROCONTROLLERS
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

GMS77C1001 Datasheet(HTML) 43 Page - Hynix Semiconductor

Back Button GMS77C1001 Datasheet HTML 36Page - Hynix Semiconductor GMS77C1001 Datasheet HTML 37Page - Hynix Semiconductor GMS77C1001 Datasheet HTML 38Page - Hynix Semiconductor GMS77C1001 Datasheet HTML 39Page - Hynix Semiconductor GMS77C1001 Datasheet HTML 40Page - Hynix Semiconductor GMS77C1001 Datasheet HTML 41Page - Hynix Semiconductor GMS77C1001 Datasheet HTML 42Page - Hynix Semiconductor GMS77C1001 Datasheet HTML 43Page - Hynix Semiconductor GMS77C1001 Datasheet HTML 44Page - Hynix Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 43 / 44 page
background image
GMS77C1000/GMS77C1001
40
July. 2001 Ver. 1.1
17. TIME-OUT SEQUENCE AND POWER DOWN STATUS BITS (TO/PD)
The TO and PD bits in the STATUS register can be tested
to determine if a RESET condition has been caused by a
power-up condition, a RESET or Watchdog Timer (WDT)
reset, or a RESET or WDT wake-up reset.
These STATUS bits are only affected by events listed in
Table 17-2.
Note: A WDT time-out will occur regardless of the status of
the TO bit. A SLEEP instruction will be executed,
regardless of the status of the PD bit.
Table 14-1 lists the reset conditions for the special function
registers, while Table 14-2 lists the reset conditions for all
the registers.
TO
PD
RESET was caused by
1
1
Power-up(POR)
uu
RESET or PFD reset (normal operation)1
1. The TO and PD bits maintain their status (u) until a reset
occurs. A low-pulse on the RESET input does not change the
TO and PD status bits.
10
RESET Wake-up or PFD reset
(from SLEEP)
0
1
WDT reset (normal operation)
0
0
WDT wake-up reset (from SLEEP)
TABLE 17-1 TO/PD STATUS AFTER RESET
Event
TO
PD
Remarks
Power-up
1
1
WDT Time-out
0
u
No effect on PD
SLEEP instruction
1
0
CLRWDT instruction
1
1
TABLE 17-2 EVENTS AFFECTING TO/PD STATUS
BITS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com