Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GMS77C1001 Datasheet(PDF) 19 Page - Hynix Semiconductor

Part # GMS77C1001
Description  8-BIT SINGLE-CHIP MICROCONTROLLERS
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

GMS77C1001 Datasheet(HTML) 19 Page - Hynix Semiconductor

Back Button GMS77C1001 Datasheet HTML 15Page - Hynix Semiconductor GMS77C1001 Datasheet HTML 16Page - Hynix Semiconductor GMS77C1001 Datasheet HTML 17Page - Hynix Semiconductor GMS77C1001 Datasheet HTML 18Page - Hynix Semiconductor GMS77C1001 Datasheet HTML 19Page - Hynix Semiconductor GMS77C1001 Datasheet HTML 20Page - Hynix Semiconductor GMS77C1001 Datasheet HTML 21Page - Hynix Semiconductor GMS77C1001 Datasheet HTML 22Page - Hynix Semiconductor GMS77C1001 Datasheet HTML 23Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 44 page
background image
GMS77C1000/GMS77C1001
16
July. 2001 Ver. 1.1
Cext
Rext
Average
Fosc @ 5V,25
°C
0pF
3.3K
7.48MHz
5K
6.36MHz
10K
4.04MHz
100K
529KHz
20pF
3.3K
4.60MHz
5K
3.62MHz
10K
2.14MHz
100K
249KHz
100pF
3.3K
1.75MHz
5K
1.31MHz
10K
734KHz
100K
80KHz
300pF
3.3K
702KHz
5K
510KHz
10K
283KHz
100K
30KHz
Table 7-1 RC Oscillator Frequencies



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com