Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GMS77C1001 Datasheet(PDF) 44 Page - Hynix Semiconductor

Part # GMS77C1001
Description  8-BIT SINGLE-CHIP MICROCONTROLLERS
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

GMS77C1001 Datasheet(HTML) 44 Page - Hynix Semiconductor

Back Button GMS77C1001 Datasheet HTML 36Page - Hynix Semiconductor GMS77C1001 Datasheet HTML 37Page - Hynix Semiconductor GMS77C1001 Datasheet HTML 38Page - Hynix Semiconductor GMS77C1001 Datasheet HTML 39Page - Hynix Semiconductor GMS77C1001 Datasheet HTML 40Page - Hynix Semiconductor GMS77C1001 Datasheet HTML 41Page - Hynix Semiconductor GMS77C1001 Datasheet HTML 42Page - Hynix Semiconductor GMS77C1001 Datasheet HTML 43Page - Hynix Semiconductor GMS77C1001 Datasheet HTML 44Page - Hynix Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 44 / 44 page
background image
GMS77C1000/GMS77C1001
July. 2001 Ver. 1.1
41
18. POWER FAIL DETECTION PROCESSOR
GMS77C1000X has an on-chip power fail detection cir-
cuitry to immunize against power noise.
If VDD falls below a level for longer 100ns, the power fail
detection processor may reset MCU and preserve the de-
vice from the malfunction due to Power Noise.
The bit6(PFDEN) of OPTION register activates the PFD
Circuit, and bit7(LOWopt) lowers the detection level of
the Power Noise. The normal detection level is typically
3V and the lowered detection level is typically 2.5V. Fig-
ure 18-2 shows a Power Fail Detection Situations where
the detection level is selected by LOWOPT Bit.
Note: The PFD circuit is not implemented on the in circuit
emulator, user can not experiment with it. There
fore, after final development user program, this
function may be experimented on OTP
FIGURE 18-1 POWER FAIL DETECTION PROCESSOR
LOWOPT PFDEN
T0CS
T0SE
PSA
PS2
PS1
PS0
bit7
6
bit0
54
321
bit 7
LOWOPT: Power-fail detection level select bit.
1 = Lowered detection level (typ. 2.5V @ 5V)
0 = Normal detection level (typ. 3V @ 5V)
bit 6
PFDEN: Power-fail detection enable bit
1 = Enable power-fail detection
0 = Disable power-fail detection
OPTION
Register
FIGURE 18-2 POWER FAIL DETECTION SITUATIONS
Internal
RESET
VDD
VDD=3V
VDR
TNVDD ≥ 100nS
PFDEN = 1
PFDR
TIRT
Internal
RESET
VDD
VDD=2.5V
VDR
TNVDD ≥ 100nS
PFDR
TIRT
Internal
RESET
VDD
VDD=3/(2.5)V
VDR
PFDR
TIRT
POR
LOWOPT = 0
PFDEN = 1
LOWOPT = 0/1
VDD ≤ VDR
PFDEN = 1
LOWOPT = 1
When VDD falls below approximately 1V level, Power-On Reset may occur.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com